Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1908J Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC1908J
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1908J Datasheet(HTML) 5 Page - IXYS Corporation

  CPC1908J Datasheet HTML 1Page - IXYS Corporation CPC1908J Datasheet HTML 2Page - IXYS Corporation CPC1908J Datasheet HTML 3Page - IXYS Corporation CPC1908J Datasheet HTML 4Page - IXYS Corporation CPC1908J Datasheet HTML 5Page - IXYS Corporation CPC1908J Datasheet HTML 6Page - IXYS Corporation CPC1908J Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
5
www.ixysic.com
R10
CPC1908
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
-40
-20
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
0204060
80
100
Typical On-Resistance
vs. Temperature
(I
F=10mA, IL=1ADC)
Temperature (ºC)
-0.33
-0.22
-0.11
0.11
0.22
0
0.33
5
4
3
2
1
0
-1
-2
-3
-4
-5
Load Voltage (V)
Typical Load Current
vs. Load Voltage
(I
F=10mA)
020
40
60
80
100
0
2
4
6
8
10
12
14
16
No Heat Sink
1ºC/W
5ºC/W
10ºC/W
Maximum Load Current
vs. Temperature with Heat Sink
(I
F=20mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
Normalized Blocking Voltage
vs. Temperature
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
Temperature (ºC)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
at Maximum Rated Voltage
Measured Across Pins 1&2
Temperature (ºC)
25
20
15
10
5
0
1ms
100µs
10µs
100ms
10s
10ms
1s
100s
30
Energy Rating Curve
Free Air, No Heat Sink
Time



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com