Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1908J Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1908J
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1908J Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1908J Datasheet HTML 1Page - IXYS Corporation CPC1908J Datasheet HTML 2Page - IXYS Corporation CPC1908J Datasheet HTML 3Page - IXYS Corporation CPC1908J Datasheet HTML 4Page - IXYS Corporation CPC1908J Datasheet HTML 5Page - IXYS Corporation CPC1908J Datasheet HTML 6Page - IXYS Corporation CPC1908J Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1908-R10
www.ixysic.com
1
e3
Characteristics
Features
8.5A
rms Load Current with 5°C/W Heat Sink
Low 0.3
 On-Resistance
60V
P Blocking Voltage
2500V
rms Input/Output Isolation
Low Thermal Resistance:
JC = 0.35 °C/W
Isolated, Low Thermal Impedance Ceramic Pad for
Heat Sink Applications
Low Drive Power Requirements
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Applications
Industrial Controls / Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Transportation Equipment
Aerospace/Defense
Approvals
UL 508 Certified Component: File E69938
Pin Configuration
Description
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS® technology, reliability
and compact size to a new family of high-power Solid
State Relays.
As part of this family, the CPC1908 single-pole
normally open (1-Form-A) Solid State Power Relay is
rated for up to 8.5Arms continuous load current with a
5°C/W heat sink.
The CPC1908 employs optically coupled MOSFET
technology to provide 2500Vrms of input to output
isolation. The optically coupled outputs, that use
patented OptoMOS architecture, are controlled by a
highly efficient infrared LED. The combination of low
on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance switching applications.
The unique i4-PAC package pioneered by IXYS
enables Solid State Relays to achieve the highest load
current and power ratings. This package features a
unique IXYS process where the silicon chips are soft
soldered onto the Direct Copper Bond (DCB)
substrate instead of the traditional copper leadframe.
The DCB ceramic, the same substrate used in high
power modules, not only provides 2500Vrms isolation,
but also very low junction-to-case thermal resistance
(0.35 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
60
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
No Heat Sink
8.5
3.5
Arms / ADC
On-Resistance (max)
0.3
Thermal Resistance,
Junction-to-case,
JC
0.35
°C/W
Part
Description
CPC1908J
i4-PAC Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1908
60V Single-Pole, Normally
Open Power Relay


Similar Part No. - CPC1908J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1908J CLARE-CPC1908J Datasheet
151Kb / 6P
i4-PAC??Power Relay
CPC1908J CLARE-CPC1908J Datasheet
886Kb / 7P
i4-PAC??Power Relay
logo
IXYS Corporation
CPC1908J IXYS-CPC1908J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1908J

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1777 IXYS-CPC1777 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1779 IXYS-CPC1779 Datasheet
195Kb / 7P
Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1788 IXYS-CPC1788 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
Machine Insertable, Wave Solderable
CPC1916 IXYS-CPC1916 Datasheet
107Kb / 6P
Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
Machine Insertable, Wave Solderable
CPC1943 IXYS-CPC1943 Datasheet
115Kb / 6P
Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
Machine Insertable, Wave Solderable
CPC1961 IXYS-CPC1961 Datasheet
121Kb / 7P
Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com