Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP75-C Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # TP75-C
Description  75W Triple Output with PFC Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP75-C Datasheet(HTML) 3 Page - Astrodyne Corporation

  TP75-C Datasheet HTML 1Page - Astrodyne Corporation TP75-C Datasheet HTML 2Page - Astrodyne Corporation TP75-C Datasheet HTML 3Page - Astrodyne Corporation TP75-C Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T P - 7 5 / D R L series
75W Triple Output with PFC Function
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Mechanical�Specification
Derating�Curve
Output�Derating�VS�Input�Voltage
File�Name:TP-75-SPEC���2005-09-13
Case�No.�920A
Unit:mm
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(VAC)�60Hz
85
100
115
125
155
230
264
Ta=25
Terminal�pin�number�assignment�:
Pin�No.
Pin�No.
1
4
6
8
2,3
5
7
Assignment
Assignment
DC�OUTPUT +V2
DC�OUTPUT +V1
DC�OUTPUT +V3
COM
FG
AC/N
AC/L
10
20
30
40
50
60
70
20
40
60
80
100
-10
0
+ADJ.
4
8
6
7
55
2
3
1
LED
25
117
179
4-M4�L=6mm
2-M4�L=4mm
60
65
90
100
80
70
60
50
40
With�18CFM
Forced AIR
(15cm)
Convection
T P - 7 5 series
75W Triple�Output�with�PFC�Function



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com