Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP75-C Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # TP75-C
Description  75W Triple Output with PFC Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP75-C Datasheet(HTML) 1 Page - Astrodyne Corporation

  TP75-C Datasheet HTML 1Page - Astrodyne Corporation TP75-C Datasheet HTML 2Page - Astrodyne Corporation TP75-C Datasheet HTML 3Page - Astrodyne Corporation TP75-C Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T P - 7 5 / D R L series
75W Triple Output with PFC Function
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
SPECIFICATION
C
5
7
-
P
T
B
5
7
-
P
T
A
5
7
-
P
T
MODEL
OUTPUT
Note.5
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
SAFETY STANDARDS
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
5V
CH1
12V
CH2
-5V
CH3
5V
CH1
12V
CH2
-12V
CH3
5V
CH1
15V
CH2
-15V
CH3
7A
3A
0.6A
7A
3A
0.4A
6A
2.5A
0.5A
W
8
.
5
7
W
4
7
75W
100mVp-p
120mVp-p
100mVp-p
100mVp-p
120mVp-p
120mVp-p
100 mVp-p
120mVp-p
120mVp-p
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
8.0%
8.0%
8.0%
8.0%
8.0%
8.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
70%
75W Tripl
utpu it
F
unction
TP -75 series
RIPPL
OIS max.) Note.2
VOLTAG
OLERANCE Note.3
WITHSTAN
OLTAGE
ISOLATIO
ESISTANCE
I/P-O/P:3KVA
/P-FG:1.5KVA
/P-FG:0.5KVA
min.
I/P-O/P /P-FG /P-FG:100
hms/500VDC
ENVIRONMENT
SAFETY &
EMC
(Not )
PROTECTION
EM ONDUCTIO
ADIATION
OUTPU
UMBER


Similar Part No. - TP75-C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP75-C ASTRODYNE-TP75-C Datasheet
322Kb / 4P
75W Triple Output with PFC Function
More results

Similar Description - TP75-C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
75W Single Output with PFC Function
TP-75 ASTRODYNE-TP-75 Datasheet
439Kb / 3P
75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75 Datasheet
594Kb / 3P
75W Triple Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
75W Single Output with PFC Function
TP-75 RSG-TP-75 Datasheet
182Kb / 3P
75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75_10 Datasheet
609Kb / 3P
75W Triple Output with PFC Function
TP-75 MEANWELL-TP-75_12 Datasheet
607Kb / 3P
75W Triple Output with PFC Function
logo
Astrodyne Corporation
SP75DRL ASTRODYNE-SP75DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
TP75 ASTRODYNE-TP75 Datasheet
322Kb / 4P
75W Triple Output with PFC Function
logo
Total Power Internation...
HRP-75 TOTAL-POWER-HRP-75 Datasheet
394Kb / 2P
75W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com