Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP75-C Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # TP75-C
Description  75W Triple Output with PFC Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP75-C Datasheet(HTML) 2 Page - Astrodyne Corporation

  TP75-C Datasheet HTML 1Page - Astrodyne Corporation TP75-C Datasheet HTML 2Page - Astrodyne Corporation TP75-C Datasheet HTML 3Page - Astrodyne Corporation TP75-C Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T P - 7 5 / D R L series
75W Triple Output with PFC Function
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
SPECIFICATION
TP-75D
TP-7503
MODEL
OUTPUT
Note.5
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
SAFETY STANDARDS
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
5V
CH1
CH1
24V
CH2
CH2
12V
CH3
CH3
5V
3.3V
12V
7A
1.5A
0.4A
9A
8A
0.3A
75.8W
75W
100mVp-p
120mVp-p
120mVp-p
100mVp-p
50mVp-p
120mVp-p
3.0%
3.0%
3.0%
3.0%
4.0%
4.0%
4.0%
4.0%
8.0%
8.0%
8.0%
8.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
70%
75W Tripl
utpu it
F
unction
TP -75 series
RIPPL
OIS max.) Note.2
VOLTAG
OLERANCE Note.3
WITHSTAN
OLTAGE
ISOLATIO
ESISTANCE
I/P-O/P:3KVA
/P-FG:1.5KVA
/P-FG:0.5KVA
min.
I/P-O/P /P-FG /P-FG:100
hms/500VDC
ENVIRONMENT
SAFETY &
EMC
(Not )
PROTECTION
EM ONDUCTIO
ADIATION
0.65Kg 0pcs/12.7Kg/0.64CUFT
OUTPU
UMBER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com