Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-LSMF185/33X Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-LSMF185/33X
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-LSMF185/33X Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-LSMF185/33X Datasheet HTML 1Page - Bourns Electronic Solutions MF-LSMF185/33X Datasheet HTML 2Page - Bourns Electronic Solutions MF-LSMF185/33X Datasheet HTML 3Page - Bourns Electronic Solutions MF-LSMF185/33X Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■ High power ratings
■ Compliant with AEC-Q200 Rev-C- Stress
Test Qualification for Passive Components
in Automotive Applications
■ Low profile
■ Compatible with Pb and Pb-free solder
reflow profiles
■ RoHS compliant* and halogen free**
■ Surface mount packaging for automated
assembly
■ Agency recognition:
■ Standard 7555 mm (2920 mils) footprint
MF-LSMF Series - PTC Resettable Fuses
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns is using the definition that appears to be the prevalent definition used as the industry standard at this time. The Bourns definition of “halogen-free” is:
Bromine (Br) content:
≤ 900 ppm; Chlorine (Cl) content: ≤ 900 ppm; Total Br + Cl content: ≤1500 ppm.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Environmental Characteristics
Operating Temperature......................................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State .................................................... 125 °C
Passive Aging ....................................................... +85 °C, 1000 hours............................................... ±5 % typical resistance change
Humidity Aging...................................................... +85 °C, 85 % R.H. 1000 hours ............................. ±5 % typical resistance change
Thermal Shock ..................................................... +85 °C to -40 °C, 20 times.................................... ±10 % typical resistance change
Solvent Resistance............................................... MIL-STD-202, Method 215 ................................... No change
Vibration ............................................................... MIL-STD-883C, Method 2007.1,........................... No change
Condition A
Electrical Characteristics
Model***
V max.
Volts
I max.
Amps
Ihold
Itrip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
RMin.
R1Max.
Typ.
MF-LSMF185/33X
33.0
40
1.85
3.70
0.045
0.150
8.0
2.50
1.5
MF-LSMF260X
24.0
20
2.60
5.20
0.020
0.075
8.0
5.00
1.5
MF-LSMF300X
6.0
40
3.00
5.00
0.015
0.048
8.0
20.00
1.5
MF-LSMF300/24X
24.0
20
3.00
5.20
0.020
0.075
8.0
5.00
1.5
*** Features Multifuse® Free Xpansion Design™ for MF-LSMF Series.
Test Procedures And Requirements For Model MF-LSMF Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................... Verify dimensions and materials ........................... Per MF physical description
Resistance............................................................ In still air @ 23 °C ................................................. Rmin
≤ R ≤ R1max
Time to Trip........................................................... At specified current, Vmax, 23 °C......................... T
≤ max. time to trip (seconds)
Hold Current ......................................................... 30 min. at Ihold ..................................................... No trip
Trip Cycle Life....................................................... Vmax, Imax, 100 cycles........................................ No arcing or burning
Trip Endurance ..................................................... Vmax, 48 hours..................................................... No arcing or burning
Solderability .......................................................... ANSI/J-STD-002 ................................................... 95 % min. coverage
UL File Number............................................
......... E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
TÜV Certificate Number ....................................... R 50256634
http://www.tuvdotcom.com/ Follow link to “Certificate Search”, enter 50256634


Similar Part No. - MF-LSMF185/33X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-LSMF185/33X BOURNS-MF-LSMF185/33X Datasheet
1Mb / 10P
MF-LSMF Series – PTC Resettable Fuses
REV. N, 1/24
MF-LSMF185/33X BOURNS-MF-LSMF185/33X Datasheet
794Kb / 3P
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
Mar 31, 2015
MF-LSMF185/33X-2 BOURNS-MF-LSMF185/33X-2 Datasheet
78Kb / 1P
New Bourns® Design Kit CCAUTO-LAB1 DC/DC Circuit Conditioning Lab Kit
More results

Similar Description - MF-LSMF185/33X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com