Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-LSMF185/33X Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-LSMF185/33X
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-LSMF185/33X Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-LSMF185/33X Datasheet HTML 1Page - Bourns Electronic Solutions MF-LSMF185/33X Datasheet HTML 2Page - Bourns Electronic Solutions MF-LSMF185/33X Datasheet HTML 3Page - Bourns Electronic Solutions MF-LSMF185/33X Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-LSMF Series - PTC Resettable Fuses
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Applications
■ Automotive electronics
■ Industrial controls
■ IEEE ports
■ Portable electronics
Model
AB
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
Max.
MF-LSMF185/33X
6.73
(0.265)
7.98
(0.312)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
0.30
(0.012)
0.25
(.010)
2.00
(.079)
MF-LSMF260X
6.73
(0.265)
7.98
(0.312)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
0.30
(0.012)
0.25
(.010)
2.00
(.079)
MF-LSMF300X
6.73
(0.265)
7.98
(0.312)
4.80
(0.189)
5.44
(0.214)
0.35
(0.014)
0.85
(0.033)
0.30
(0.012)
0.25
(.010)
2.00
(.079)
MF-LSMF300/24X
6.73
(0.265)
7.98
(0.312)
4.80
(0.189)
5.44
(0.214)
0.75
(0.030)
1.60
(0.063)
0.30
(0.012)
0.25
(.010)
2.00
(.079)
Packaging: 3000 pcs. per reel.
Terminal material:
Electroless Ni under immersion Au
Termination pad solderability:
Standard Au finish:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
Typical Time to Trip at 23 ˚C
The Time to Trip curves represent typical performance
of a device in a simulated application environment.
Actual performance in specific customer applications
may differ from these values due to the influence of
other variables.
Top View
Bottom View
Side View
Recommended Pad Layout
9
X
A
B
D
E
C
5.3 ± 0.10
(.209 ± .004)
4.6 ± 0.10
(.181 ± .004)
2.0 ± 0.05
(.079 ± .002)
0
0
1
0
1
1
Fault Current (Amps)
0.1
0.01
1
10
100
MF-LSMF260X
MF-LSMF300/24X
MF-LSMF300X
MF-LSMF185/33X



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com