Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-LSMF185/33X Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-LSMF185/33X
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-LSMF185/33X Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-LSMF185/33X Datasheet HTML 1Page - Bourns Electronic Solutions MF-LSMF185/33X Datasheet HTML 2Page - Bourns Electronic Solutions MF-LSMF185/33X Datasheet HTML 3Page - Bourns Electronic Solutions MF-LSMF185/33X Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
MF-LSMF Series - PTC Resettable Fuses
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 ˚C
-20 ˚C
0 ˚C
23 ˚C
40 ˚C
50 ˚C
60 ˚C
70 ˚C
85 ˚C
MF-LSMF185/33X
2.80
2.47
2.17
1.85
1.54
1.39
1.22
1.07
0.85
MF-LSMF260X
3.75
3.35
3.00
2.60
2.35
2.15
2.05
1.80
1.30
MF-LSMF300X
4.53
4.02
3.51
3.00
2.52
2.26
1.99
1.75
1.34
MF-LSMF300/24X
4.00
3.55
3.20
3.00
2.50
2.25
2.15
1.85
1.50
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder Reflow Recommendations
Notes:
•
MF-LSMF models cannot be wave soldered. Please contact Bourns for hand soldering
recommendations.
•
If reflow temperatures exceed the recommended profile, devices may not meet the performance
requirements.
•
Compatible with Pb and Pb-free solder reflow profiles.
How to Order
MF - LSMF 185/33X - 2
Multifuse® Product
Designator
Series
LSMF = 7555 mm (2920 mils)
Surface Mount Component
Hold Current, Ihold
185-300 (1.85 Amps - 3.00 Amps)
Higher Voltage Option
/24 = 24 Volt Rated
/33 = 33 Volt Rated
X = Multifuse® freeXpansion™ Design
MF-LSMF Series
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
MF-LSMF SERIES, REV. E, 08/15
PART IDENTIFICATION EXAMPLES:
MF-LSMF185/33X = 9
MF-LSMF260X = E
MF-LSMF300X = F
MF-LSMF300/24X = J
BI-WEEKLY DATE CODE:
WEEKS 47-48 = X
E
X



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com