Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

282SCDL103B25A1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 282SCDL103B25A1
Description  Industrial 16mm size Conductive Plastic Precision Rotary Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

282SCDL103B25A1 Datasheet(HTML) 1 Page - CTS Corporation

  282SCDL103B25A1 Datasheet HTML 1Page - CTS Corporation 282SCDL103B25A1 Datasheet HTML 2Page - CTS Corporation 282SCDL103B25A1 Datasheet HTML 3Page - CTS Corporation 282SCDL103B25A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial
16mm Size
Conductive Plastic
Precision Rotary Sensor
Features
Series 282
1 - 4
© 2013 CTS Corporation. All rights reserved. Information subject to change.
12/5/13
CTS Electrocomponents
www.ctscorp.com
Data Sheet
Data Sheet
Precision Potentiometer
®
Electrocomponents
• Robust Construction
• 2 Million Cycle Life
• 2% Precision Linearity
• Water Resistant (IP54, IP67)
• Wide Temperature Range
Electrical and Mechanical Specifications
Resistance Range
1 K through 500 K ohms, linear
Consult CTS for audio taper
Resistance Tolerance
± 10%, ± 20%
Power Rating
0.25 watts @ 55°C
Maximum Operating Voltage
500 VDC
Angle of Rotation
250°, 300°, 360°
Rotational Torque
3 – 50 gf-cm
Stop Strength
9 kgf-cm minimum
Mounting Information
Bushing Mount
Insulation Resistance
1000 Megohms minimum @ 500 VDC
Dielectric Strength
750 VDC for 1 minute
Push-Pull Strength of Shaft
13.6 kg for 10 seconds
Rotational Life
2 M cycles
Temperature
Operating: -40°C to 125°C
Storage: -55°C to 150°C
Solder Heat Resistance
350°C for 5 seconds
Linearity
± 2%
• Solder Lug, Faston, PC Terminal
• Continuous Rotation Available
Ingress Protection Rating
IP54, IP67
Vibration
15G, 10 to 2000 Hz
• RoHS Compliant
(Refer to Resistance Tapers for detail)


Similar Part No. - 282SCDL103B25A1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
282 LITTELFUSE-282 Datasheet
90Kb / 1P
Fuseholders - For MicroTM Fuse Plug-In Fuses
logo
Oscilent Corporation
282-12.0M-SR-15ES OSCILENT-282-12.0M-SR-15ES Datasheet
156Kb / 3P
SMD 2 Pad
282-12.0M-SR-15EU OSCILENT-282-12.0M-SR-15EU Datasheet
156Kb / 3P
SMD 2 Pad
282-12.0M-SR-15EW OSCILENT-282-12.0M-SR-15EW Datasheet
156Kb / 3P
SMD 2 Pad
282-12.0M-SR-15GS OSCILENT-282-12.0M-SR-15GS Datasheet
156Kb / 3P
SMD 2 Pad
More results

Similar Description - 282SCDL103B25A1

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
logo
Vishay Siliconix
MODEL657 VISHAY-MODEL657 Datasheet
199Kb / 3P
Industrial Rotary Position Sensor Bushing Mount Type, Conductive Plastic
18-Jun-07
logo
CTS Corporation
282T33L502A25A2 CTS-282T33L502A25A2 Datasheet
525Kb / 4P
Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
16mm Size Metal Shaft DP Rotary Potentiometers
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
Commercial Miniature 16mm Size Rotary Encoder
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
logo
Tyco Electronics
DP16 MACOM-DP16 Datasheet
161Kb / 2P
16mm Rotary Encoder
logo
Vishay Siliconix
657 VISHAY-657_V01 Datasheet
226Kb / 3P
Industrial Rotary Position Sensor Bushing Mount Type, Conductive Plastic
27-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com