Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M541 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M541
Description  Dual Retriggerable One-Shot with Clear and Complementary Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M541 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  M541 Datasheet HTML 1Page - National Semiconductor (TI) M541 Datasheet HTML 2Page - National Semiconductor (TI) M541 Datasheet HTML 3Page - National Semiconductor (TI) M541 Datasheet HTML 4Page - National Semiconductor (TI) M541 Datasheet HTML 5Page - National Semiconductor (TI) M541 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Operating Rules (Continued)
6 The retriggerable pulse width is calculated as shown be-
low
T e TW a tPLH e Kc RX c CX a tPLH
The retriggered pulse width is equal to the pulse width
plus a delay time period
(Figure 4)
TLF6539 – 6
FIGURE 4
7 Under any operating condition CX and RX must be kept
as close to the one-shot device pins as possible to mini-
mize stray capacitance to reduce noise pick-up and to
reduce I c R and Ldidt voltage developed along their
connecting paths If the lead length from CX to pins (6)
and (7) or pins (14) and (15) is greater than 3 cm for
example the output pulse width might be quite different
from values predicted from the appropriate equations A
non-inductive and low capacitive path is necessary to en-
sure complete discharge of CX in each cycle of its opera-
tion so that the output pulse width will be accurate
8 VCC and ground wiring should conform to good high-fre-
quency standards and practices so that switching tran-
sients on the VCC and ground return leads do not cause
interaction between one-shots A 001 mF to 010 mF by-
pass capacitor (disk ceramic or monolithic type) from VCC
to ground is necessary on each device Furthermore the
bypass capacitor should be located as close to the VCC
pin as space permits
For further detailed device characteristics and output performance
please refer to the NSC one-shot application note AN-366
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com