Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M541 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M541
Description  Dual Retriggerable One-Shot with Clear and Complementary Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M541 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  M541 Datasheet HTML 1Page - National Semiconductor (TI) M541 Datasheet HTML 2Page - National Semiconductor (TI) M541 Datasheet HTML 3Page - National Semiconductor (TI) M541 Datasheet HTML 4Page - National Semiconductor (TI) M541 Datasheet HTML 5Page - National Semiconductor (TI) M541 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6539
March 1993
DM54123DM74123 Dual Retriggerable One-Shot with
Clear and Complementary Outputs
General Description
The ’123 is a dual retriggerable monostable multivibrator
capable of generating output pulses from a few nano-sec-
onds to extremely long duration up to 100% duty cycle
Each device has three inputs permitting the choice of either
leading-edge or trailing edge triggering Pin (A) is an active-
low transition trigger input and pin (B) is an active-high tran-
sition trigger input A low at the clear (CLR) input terminates
the output pulse which also inhibits triggering An internal
connection from CLR to the input gate makes it possible to
trigger the circuit by a positive-going signal on CLR as
shown in the truth table
To obtain the best and trouble free operation from this de-
vice please read the operating rules as well as the NSC
one – shot application notes carefully and observe recom-
mendations
Features
Y
DC triggered from active-high transition or active-low
transition inputs
Y
Retriggerable to 100% duty cycle
Y
Direct reset terminates output pulse
Y
Compensated for VCC and temperature variations
Y
DTL TTL compatible
Y
Input clamp diodes
Functional Description
The basic output pulse width is determined by selection of
an external resistor (RX) and capacitor (CX) Once triggered
the basic pulse width may be extended by retriggering the
gated active-low transition or active-high transition inputs or
be reduced by use of the active-low transition clear input
Retriggering to 100% duty cycle is possible by application of
an input pulse train whose cycle time is shorter than the
output cycle time such that a continuous ‘‘HIGH’’ logic state
is maintained at the ‘‘Q’’ output
Connection Diagram
Dual-In-Line Package
TLF6539 – 1
Order Number DM54123J-MIL DM54123W-MIL or DM74123N
See NS Package Number J16A N16A or W16A
Triggering Truth Table
Inputs
Response
A
B
CLR
X
X
L
No Trigger
K
L
X
No Trigger
K
H
H
Trigger
H
L
X
No Trigger
L
L
H
Trigger
LH
L
Trigger
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - M541

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M541 MITSUBISHI-M541 Datasheet
196Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
National Semiconductor ...
M541 NSC-M541 Datasheet
120Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
OKI electronic componet...
M541 OKI-M541 Datasheet
170Kb / 15P
262,214-Word x 12-Bit Field Memory
logo
Sanken electric
M541 SANKEN-M541 Datasheet
43Kb / 2P
TO-220F 5A Triac
logo
M/A-COM Technology Solu...
M541 MA-COM-M541 Datasheet
231Kb / 9P
Bonding, Handling, and Mounting Procedures for Chip Diode Devices
More results

Similar Description - M541

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
One-Shot with Clear and Complementary Outputs
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com