Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M541 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M541
Description  Dual Retriggerable One-Shot with Clear and Complementary Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M541 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  M541 Datasheet HTML 1Page - National Semiconductor (TI) M541 Datasheet HTML 2Page - National Semiconductor (TI) M541 Datasheet HTML 3Page - National Semiconductor (TI) M541 Datasheet HTML 4Page - National Semiconductor (TI) M541 Datasheet HTML 5Page - National Semiconductor (TI) M541 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
DM54
b
55 Cto a100 C
DM74
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54123
DM74123
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
08
b
08
mA
IOL
Low Level Output Current
16
16
mA
tW
Pulse Width
A or B High
40
(Note 5)
A or B Low
40
ns
Clear Low
40
TWQ
Minimum Width of
A or B
80
65
ns
(Min)
Pulse at Q (Note 5)
REXT
External Timing Resistor
5
50
kX
CEXT
External Timing Capacitance
No Restriction
m
F
CWIRE
Wiring Capacitance
50
pF
at REXT CEXT Terminal (Note 5)
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
24
34
V
Voltage
VIL e Max VIH e Min
DM74
25
VOL
Low Level Output
VCC e Min IOL e Max
02
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input
VCC e Max
Data
40
m
A
Current
VI e 24V
Clear
80
IIL
Low Level Input Current
VCC e Max VI e 04V
Clear
b
32
mA
Data
b
16
IOS
Short Circuit
VCC e Max
DM54
b
10
b
40
mA
Output Current
(Note 2)
DM74
b
10
b
40
ICC
Supply Current
VCC e Max (Notes 3 and 4)
46
66
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
Quiescent ICC is measured (after clearing) with 24V applied to all clear and A inputs B inputs grounded all outputs openCEXT e 002 mF and REXT e
25 KX
Note 4
ICC is measured in the triggered state with 24V applied to all clear and B inputs A inputs grounded all outputs open CEXT e 002 mF and REXT e 25 kX
Note 5
TA e 25 C and VCC e 5V
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com