Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1965G Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1965G
Description  TTL and CMOS Compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1965G Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1965G Datasheet HTML 1Page - IXYS Corporation CPC1965G Datasheet HTML 2Page - IXYS Corporation CPC1965G Datasheet HTML 3Page - IXYS Corporation CPC1965G Datasheet HTML 4Page - IXYS Corporation CPC1965G Datasheet HTML 5Page - IXYS Corporation CPC1965G Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R07
CPC1965G
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
600
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
100
mA
1A
Input Power Dissipation 1
150
mW
PD , Total Package Dissipation 2
1600
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 16.6 mW / ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Operating Voltage Range
V
L
-
20
-
260
V
rms
Load Current, Continuous
V
L=120-260Vrms
I
L
0.005
-
1.0
A
rms
Non-Repetitive Single Cycle Surge Current
-
I
TSM
-
-
10
A
Off State Leakage Current
V
L=600VP
I
LEAK
--
1
mA
On-State Voltage Drop
I
L=1Arms
-
-
1.6
V
rms
Critical Rate of Rise 3
-
dV/dt
1000
-
-
V/µs
Switching Speeds
Turn-on
I
F=5 mA
t
on
-
-
0.5
cycles
Turn-off
t
off
-
-
0.5
Zero-Cross Turn-On Voltage 1
1st half-cycle
-
-
2
10
V
Subsequent half-cycle
-
-
1
-
V
Operating Frequency
-
-
20
-
400
Hz
Load Power Factor for Guaranteed Turn-On 2
-
PF
0.25
-
-
-
Input Characteristics
Input Control Current to Activate 4
-I
F
-
0.8
5
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Drop-out Voltage
-
-
0.8
-
-
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
1 Zero Cross 1st half-cycle @ <100Hz
2 Snubber circuits may be required at low power factors.
3 Tested in accordance with EIA/NARM standard RS-443.
4 For high noise environments, use I
F=10mA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com