Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1965G Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1965G
Description  TTL and CMOS Compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1965G Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1965G Datasheet HTML 1Page - IXYS Corporation CPC1965G Datasheet HTML 2Page - IXYS Corporation CPC1965G Datasheet HTML 3Page - IXYS Corporation CPC1965G Datasheet HTML 4Page - IXYS Corporation CPC1965G Datasheet HTML 5Page - IXYS Corporation CPC1965G Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1965G-R07
1
CPC1965G
AC Solid State Relay
Part #
Description
CPC1965G
4-Pin (16-Pin Body) DIP (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
260
V
rms
Load Current
1
A
rms
On State Voltage Drop
1.6
V
rms (at IL = 1Arms)
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Load Current up to 1A
rms
• 600V
P Blocking Voltage
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• Machine Insertable, Wave Solderable
• Flammability Classification Rating of V-0
The CPC1965G is an AC Solid State Switch using
patented waveguide coupling with dual power SCR
outputs to produce an alternative to optocoupler and
Triac circuits. The switches are robust enough to
provide a blocking voltage of up to 600V
P . In addition,
tightly controlled zero-cross circuitry ensures switching
of AC loads without the generation of transients.
The input and output circuits are optically coupled
to provide 3750V
rms of isolation and noise immunity
between control and load circuits. As a result, the
CPC1965G is well suited for industrial environments
where electromagnetic interference could disrupt the
operation of electromechanical relays.
Approvals
• UL Recognized Component: File E69938
• CSA Certified Component: File 043639
16
1
10
+ LED
AC Load
– LED
AC Load
8
ZC


Similar Part No. - CPC1965G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
93Kb / 4P
AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
111Kb / 6P
AC Solid State Relay
logo
Littelfuse
CPC1965G LITTELFUSE-CPC1965G Datasheet
153Kb / 6P
AC Solid State Relay
11/18/2025
logo
Clare, Inc.
CPC1965G CLARE-CPC1965G_1 Datasheet
93Kb / 4P
AC Solid State Relay
More results

Similar Description - CPC1965G

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG300 MAXIM-DG300 Datasheet
389Kb / 10P
TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
Nel Frequency Controls,...
HA-460 NEL-HA-460 Datasheet
61Kb / 2P
CMOS (TTL Compatible)
HS-460 NEL-HS-460_10 Datasheet
58Kb / 2P
CMOS (TTL Compatible)
SJ-460 NEL-SJ-460_10 Datasheet
100Kb / 3P
CMOS (TTL Compatible)
logo
IXYS Corporation
CPC1964Y IXYS-CPC1964Y Datasheet
119Kb / 6P
TTL and CMOS Compatible
CPC1965Y IXYS-CPC1965Y Datasheet
100Kb / 6P
TTL and CMOS Compatible
CPC1966YX6 IXYS-CPC1966YX6 Datasheet
116Kb / 6P
TTL and CMOS Compatible
CPC1976YX6 IXYS-CPC1976YX6 Datasheet
116Kb / 6P
TTL and CMOS Compatible
logo
STMicroelectronics
ST2041 STMICROELECTRONICS-ST2041 Datasheet
269Kb / 13P
CMOS- and TTL-compatible enable inputs
24-Nov-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com