Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1965G Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1965G
Description  TTL and CMOS Compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1965G Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1965G Datasheet HTML 1Page - IXYS Corporation CPC1965G Datasheet HTML 2Page - IXYS Corporation CPC1965G Datasheet HTML 3Page - IXYS Corporation CPC1965G Datasheet HTML 4Page - IXYS Corporation CPC1965G Datasheet HTML 5Page - IXYS Corporation CPC1965G Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1965G
www.ixysic.com
3
R07
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(I
F=5mA, TA=25ºC)
On-State Voltage (V
rms)
1.01
1.04
1.07
1.10
1.13
1.16
0
5
10
15
20
25
Typical On-State Voltage
(I
L=1Arms, TA=25ºC)
Blocking Voltage (V
P)
795
800
805
810
815
820
825
0
5
10
15
20
Typical Blocking Voltage Distribution
(T
A=25ºC)
LED Current (mA)
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0
5
10
15
20
Typical I
F for Switch Operation
(I
L=1Arms, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage
vs. Temperature
I
F=50mA
I
F=5mA
I
F=10mA
I
F=20mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.70
0.75
0.80
0.85
0.90
Typical I
F for Switch Operation
vs. Temperature
(I
L=500mArms)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.85
0.90
0.95
1.00
1.05
1.10
1.15
Typical On-State Voltage
vs. Temperature
(I
L=500mArms)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com