Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1976 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1976
Description  Low EMI and RFI Generation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1976 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1976 Datasheet HTML 1Page - IXYS Corporation CPC1976 Datasheet HTML 2Page - IXYS Corporation CPC1976 Datasheet HTML 3Page - IXYS Corporation CPC1976 Datasheet HTML 4Page - IXYS Corporation CPC1976 Datasheet HTML 5Page - IXYS Corporation CPC1976 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1976
www.ixysic.com
3
R05
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted)*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
30
35
LED Forward Voltage Distribution
(N=50, I
F=5mA)
LED Current (mA)
1.5
1.7
1.9
2.1
2.3
2.5
2.7
0
5
10
15
20
25
30
LED Current to Operate Distribution
(N=50, V
L=120VAC/60Hz)
Zero-Cross Voltage (V)
6.2
6.4
6.6
6.8
7.0
7.2
7.4
0
5
10
15
20
Zero-Cross Voltage Distribution
On-State Voltage Drop (V)
1.04
1.06
1.08
1.10
1.12
1.14
0
5
10
15
20
25
On-State Voltage Drop Distribution
(N=50, I
F=5mA, IL=2AP)
Blocking Voltage (V
P)
874
876
878
880
882
884
886
0
5
10
15
20
Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
LED Current to Operate
vs. Temperature (Resistive Load)
(I
L=1A, f=60Hz)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
10
Zero-Cross Voltage vs. Temperature
(I
F=5mA, RL=120
)
Load Frequency (Hz)
50
100
150
200
250
300
350
400
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
LED Current to Operate (Resistive)
vs. Load Frequency
(V
P=30V, RL=10
, I
L=20Arms)
Load Frequency (Hz)
50
100
150
200
250
300
350
400
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
LED Current to Operate (Inductive)
vs. Load Frequency
(V
L=200V, ZL=400mH, 220
)
Load Frequency (Hz)
50
100
150
200
250
300
350
400
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
LED Current to Operate (Inductive)
vs. Load Frequency
(V
L=200V, ZL=196mH, 110
)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com