Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1976 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1976
Description  Low EMI and RFI Generation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1976 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1976 Datasheet HTML 1Page - IXYS Corporation CPC1976 Datasheet HTML 2Page - IXYS Corporation CPC1976 Datasheet HTML 3Page - IXYS Corporation CPC1976 Datasheet HTML 4Page - IXYS Corporation CPC1976 Datasheet HTML 5Page - IXYS Corporation CPC1976 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1976-R05
1
CPC1976
AC Power Switch
Part #
Description
CPC1976Y
4-Pin (8-Pin Body) SIP (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
20 - 240
V
rms
Load Current
2
A
rms
On-State Voltage Drop
1.15
V
rms (at IL = 2Arms)
Blocking Voltage
600
V
P
Applications
Features
Description
Ordering Information
Pin Configuration
Programmable Control
Process Control
Power Control Panels
Remote Switching
Gas Pump Electronics
Contactors
Large Relays
Solenoids
Motors
Heaters
Load Current up to 2A
rms
600V
P Blocking Voltage
5mA Sensitivity
Zero-Crossing Detection
DC Control, AC Output
Optically Isolated
TTL and CMOS Compatible
Low EMI and RFI Generation
High Noise Immunity
Machine Insertable, Wave Solderable
CPC1976 is an AC Solid State Switch utilizing
dual power SCR thyristor outputs. This device also
includes zero-cross turn-on circuitry and is specified
with a blocking voltage of 600V
P .
In addition, tightly controlled zero-cross circuitry
ensures low noise switching of AC loads by
minimizing the generation of transients. The optically
coupled input and output circuits provide 3750V
rms of
isolation and noise immunity between the control and
load circuits. As a result, the CPC1976 is well suited
for industrial environments where electromagnetic
interference would disrupt the operation of plant facility
communication and control systems.
Approvals
UL Recognized Component: File E69938
CSA Certified Component: File 043639
2
1
– LED + LED
AC Load
AC Load
4
3
ZC
Zero-Cross Waveforms
Control
Load
Current
AC Line
Voltage
Across
Relay


Similar Part No. - CPC1976

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1976 CLARE-CPC1976 Datasheet
103Kb / 5P
AC Power Switch
CPC1976Y CLARE-CPC1976Y Datasheet
103Kb / 5P
AC Power Switch
logo
Littelfuse
CPC1976Y LITTELFUSE-CPC1976Y Datasheet
181Kb / 6P
AC Power Switch
11/18/2025
logo
IXYS Corporation
CPC1976YX6 IXYS-CPC1976YX6 Datasheet
116Kb / 6P
TTL and CMOS Compatible
logo
Littelfuse
CPC1976YX6 LITTELFUSE-CPC1976YX6 Datasheet
173Kb / 6P
AC Power Switch
11/18/2025
More results

Similar Description - CPC1976

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRC207 CALMIRCO-PRC207 Datasheet
30Kb / 2P
CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
logo
Glenair, Inc.
440FS143XM08 GLENAIR-440FS143XM08 Datasheet
406Kb / 2P
Composite Ultra Low Profile EMI/RFI
440HS144XM08 GLENAIR-440HS144XM08 Datasheet
396Kb / 2P
Composite Ultra Low Profile EMI/RFI
logo
Microsemi Corporation
APT24M120L MICROSEMI-APT24M120L Datasheet
213Kb / 4P
Fast switching with low EMI/RFI
logo
Glenair, Inc.
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
EMI/RFI Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
EMI/RFI Backshell
logo
IXYS Corporation
CPC1964B IXYS-CPC1964B Datasheet
117Kb / 6P
Low EMI and RFI Generation
CPC1972 IXYS-CPC1972 Datasheet
114Kb / 7P
Low EMI and RFI Generation
logo
Fairchild Semiconductor
42007 FAIRCHILD-42007 Datasheet
396Kb / 6P
Safety, EMI and RFI Considerations
logo
Sangdest Microelectroni...
120NQ600-1 SMC-120NQ600-1 Datasheet
276Kb / 4P
Reduced RFI and EMI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com