Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1976 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1976
Description  Low EMI and RFI Generation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1976 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1976 Datasheet HTML 1Page - IXYS Corporation CPC1976 Datasheet HTML 2Page - IXYS Corporation CPC1976 Datasheet HTML 3Page - IXYS Corporation CPC1976 Datasheet HTML 4Page - IXYS Corporation CPC1976 Datasheet HTML 5Page - IXYS Corporation CPC1976 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R05
CPC1976
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted)*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
90
100
Holding Current vs. Temperature
(R
L=1.9
)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.7
0.8
0.9
1.0
1.1
1.2
Load Voltage vs. Temperature
(I
F=5mA)
I
L=2.5A
I
L=2A
I
L=1A
I
L=0.5A
Load Voltage (V)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-3
-2
-1
0
1
2
3
Load Current vs. Load Voltage
(I
F=5mA)
T
A=+85ºC
T
A=+25ºC
T
A= -40ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
Maximum Load Current
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
800
850
900
950
1000
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Leakage Current vs. Temperature
V
L=600V
V
L=400V
V
L=200V
Time (ms)
0.1
1
10
100
1000
0
5
10
15
20
25
Maximum Non-Repetitive Surge Current
(Values Apply to T
J=50ºC Before Surge)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com