Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981B Datasheet(PDF) 7 Page - Analog Devices

Part # AD1981B
Description  AC ??7 SoundMAX Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981B Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1981B Datasheet HTML 3Page - Analog Devices AD1981B Datasheet HTML 4Page - Analog Devices AD1981B Datasheet HTML 5Page - Analog Devices AD1981B Datasheet HTML 6Page - Analog Devices AD1981B Datasheet HTML 7Page - Analog Devices AD1981B Datasheet HTML 8Page - Analog Devices AD1981B Datasheet HTML 9Page - Analog Devices AD1981B Datasheet HTML 10Page - Analog Devices AD1981B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
REV. B
AD1981B
–7–
PIN CONFIGURATION
48-Lead LQFP
1
2
3
4
5
6
7
8
9
10
11
12
DVDD1
XTL_IN
XTL_OUT
DVSS1
SDATA_OUT
BIT_CLK
DVSS2
SDATA_IN
DVDD2
SYNC
RESET
NC
36
35
34
33
32
31
30
29
28
27
26
25
LINE_OUT_R
LINE_OUT_L
AVDD4
AVSS4
AFILT4
AFILT3
AFILT2
AFILT1
VREFOUT
VREF
AVSS1
AVDD1
AD1981B
TOP VIEW
(Not to Scale)
NC = NO CONNECT
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
Power Supplies
Digital (DVDD) . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +3.6 V
Analog (AVDD) . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.0 V
Input Current (Except Supply Pins) . . . . . . . . . . . . . .
±10 mA
Signals Pins
Digital Input Voltage . . . . . . . . . . . . . –0.3 V to DVDD + 0.3 V
Analog Input Voltage . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
Ambient Temperature Range (Operating) . . . . . . . 0
°C to 70°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ENVIRONMENTAL CONDITIONS
*
Ambient Temperature Rating (LQFP Package)
TCASE = Case Temperature in
°C
PD = Power Dissipation in W
JA Thermal Resistance (Junction to Ambient)
JC Thermal Resistance (Junction to Case)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
1
AD1981BJST
0
°C to 70°C
48-Lead LQFP (Tray)
ST-48
AD1981BJST-REEL
0
°C to 70°C
48-Lead LQFP (Reel)
ST-48
AD1981BJSTZ
2
0
°C to 70°C
48-Lead LQFP (Tray)
ST-48
AD1981BJSTZ-REEL
2
0
°C to 70°C
48-Lead LQFP (Reel)
ST-48
1ST = Low Profile Quad Flatpack.
2The AD1981BJSTZ is a lead-free environmentally friendly product. It is manufactured using the most up-to-date materials and processes. The coating on the leads of
each device is 100% pure tin electroplate. The device is suitable for lead-free applications and is able to withstand surface-mount soldering at up to 255
°C (± 5°C). In
addition, it is backward compatible with conventional tin-lead soldering processes. This means that the electroplated tin coating can be soldered with tin-lead solder
pastes at reflow temperatures of 220
°C to 235°C.
Package
JA
JC
LQFP
50.1
°C/W
17.8
°C/W
*All measurements per EIA-JESD51 with 2S2P test board per EIA-JESD51-7
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1981B features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com