Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981B Datasheet(PDF) 1 Page - Analog Devices

Part # AD1981B
Description  AC ??7 SoundMAX Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981B Datasheet(HTML) 1 Page - Analog Devices

  AD1981B Datasheet HTML 1Page - Analog Devices AD1981B Datasheet HTML 2Page - Analog Devices AD1981B Datasheet HTML 3Page - Analog Devices AD1981B Datasheet HTML 4Page - Analog Devices AD1981B Datasheet HTML 5Page - Analog Devices AD1981B Datasheet HTML 6Page - Analog Devices AD1981B Datasheet HTML 7Page - Analog Devices AD1981B Datasheet HTML 8Page - Analog Devices AD1981B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. B
a
AD1981B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AC ’97 SoundMAX
® Codec
FUNCTIONAL BLOCK DIAGRAM
A
M
MIC1
MIC2
PHONE_IN
CD_L
CD_GND
CD_R
AUX_L
AUX_R
LINE_IN_L
MIC PREAMP
CD
DIFF AMP
MONO_OUT
HP_OUT_L
HP
MZ
LINE_OUT_L
MZ
LINE_OUT_R
HP_OUT_R
HP
G = GAIN
A = ATTENUATION
M = MUTE
Z = HIGH Z
16-BIT
-
ADC
GA
16-BIT
-
ADC
PCM FRONT
DAC RATE
M
16-BIT
-
ADC
M
16-BIT
-
ADC
PCM L/R
ADC RATE
VREF
G
VREFOUT
LINE_IN_R
CODEC CORE
ADC
AND
DAC
SLOT
LOGIC
AC '97
CONTROL
REGISTERS
EAPD
PLL
XTL_OUT XTL_IN SPDIF
SPDIF
TX
ID0
ID1
RESET
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
JS0
JS1
EAPD
AD1981B
G
G
A
M
A
A
A
M
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
M
GA
M
M
EQ
EQ
G
G
VOLTAGE
REFERENCE
ANALOG MIXING
CONTROL LOGIC
20-BIT
-
DAC
20-BIT
-
DAC
M
G
M
G
FEATURES
AC ’97 2.3 COMPATIBLE FEATURES
S/PDIF Output, 20 Bits Data Format, Supporting
48 kHz and 44.1 kHz Sample Rates
Integrated Stereo Headphone Amplifier
Variable Sample Rate Audio
External Audio Power-Down Control
Greater than 90 dB Dynamic Range
Stereo Full-Duplex Codec
20-Bit PCM DAC
3 Analog Line-Level Stereo Inputs for
Line-In, AUX, and CD
Mono Line-Level Phone Input
Dual MIC Input with Built-In Programmable Preamp
High Quality CD Input with Ground Sense
Mono Output for Speakerphone or Internal Speaker
Power Management Support
48-Lead LQFP Package, Lead-Free Available
ENHANCED FEATURES
Stereo MIC Preamps Support
Built-In Digital Equalizer Function for Optimized
Speaker Sound
Full-Duplex Variable Sample Rates from 7040 Hz to
48 kHz with 1 Hz Resolution
Jack Sense Pins Provide Automatic Output Switching
Software Programmed VREFOUT Output for Biasing
Microphone and External Power Amp
Split Power Supplies: 3.3 V Digital and 5 V Analog
Multiple Codec Configuration Options


Similar Part No. - AD1981B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
AC 97 SoundMAX Codec
REV. C
AD1981BBSTZ-REEL AD-AD1981BBSTZ-REEL Datasheet
979Kb / 32P
AC 97 SoundMAX Codec
REV. C
AD1981BJST AD-AD1981BJST Datasheet
979Kb / 32P
AC 97 SoundMAX Codec
REV. C
AD1981BJST-REEL AD-AD1981BJST-REEL Datasheet
979Kb / 32P
AC 97 SoundMAX Codec
REV. C
AD1981BJSTZ-REEL AD-AD1981BJSTZ-REEL Datasheet
979Kb / 32P
AC 97 SoundMAX Codec
REV. C
More results

Similar Description - AD1981B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
AC??7 SoundMAX Codec
AD1885 AD-AD1885 Datasheet
291Kb / 27P
AC??7 SoundMAX Codec
AD1886A AD-AD1886A Datasheet
281Kb / 28P
AC??7 SoundMAX Codec
AD1887 AD-AD1887 Datasheet
150Kb / 16P
AC??7 SoundMAX Codec
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1981A AD-AD1981A Datasheet
183Kb / 24P
AC ??7 SoundMAX Codec
REV.0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
AC ??7 SoundMAX Codec
3/04-Data Sheet changed from Rev. 0 to Rev. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
AC ??7 SoundMAX CODEC
10/04-Revision 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com