Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981B Datasheet(PDF) 13 Page - Analog Devices

Part # AD1981B
Description  AC ??7 SoundMAX Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981B Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1981B Datasheet HTML 9Page - Analog Devices AD1981B Datasheet HTML 10Page - Analog Devices AD1981B Datasheet HTML 11Page - Analog Devices AD1981B Datasheet HTML 12Page - Analog Devices AD1981B Datasheet HTML 13Page - Analog Devices AD1981B Datasheet HTML 14Page - Analog Devices AD1981B Datasheet HTML 15Page - Analog Devices AD1981B Datasheet HTML 16Page - Analog Devices AD1981B Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REV. B
AD1981B
–13–
MCV[4:0]
MIC Volume Gain. Allows setting the phone volume attenuator in 32 volume levels with 31 steps of 1.5 dB
each. The LSB represents 1.5 dB, and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, with the mute
bit enabled.
M20
MIC Gain Boost. This bit allows setting additional MIC gain to increase the microphone sensitivity. The nominal
gain boost by default is 20 dB; however, Bits D0 and D1 (MBG[1:0]) on the miscellaneous control bits register
(76h) allow changing the gain boost to 10 dB or 30 dB if necessary.
0 = Disabled; Gain = 0 dB
1 = Enabled; Default Gain = 20 dB (see Register 76h, Bits D0, D1)
MCM
MIC Mute. When this bit is set to 1, the MIC channel is muted.
Table III. Volume Settings for Phone and MIC
Control Bits D[4:0]
Phone (0Ch) and Mic (0Eh)
D15
WRITE
READBACK
Function
00 0000
0 0000
12 dB Gain
00 1000
0 1000
0 dB Gain
01 1111
1 1111
–34.5 dB Gain
1x xxxx
x xxxx
dB Gain, Muted
x in the above table is a wild card, and has no effect on the value.
RLV[4:0]
Line In Volume Right. Allows setting the line-in right channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
RM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the LM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LLV[4:0]
Line In Volume Left. Allows setting the line in left channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LVM
Line In Mute. When this bit is set to 1, both the left and right channels are muted unless the MSPLT bit in
Register 76h is set to 1, in which case this mute bit will affect only the left channel.
Line-In Volume Register (Index 10h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
10h Line-In Volume LVM
X
X
LLV4 LLV3
LLV2
LLV1
LLV0
RM
*
XX
RLV4
RLV3
RLV2
RLV1
RLV0
8808h
*For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, the RM bit has no effect. All registers not shown and bits containing an X are assumed to be reserved. Refer to Table IV for examples.
MIC Volume Register (Index 0Eh)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0Eh MIC Volume
MCM
X
X
X
X
X
X
X
X
M20
X
MCV4
MCV3
MCV2
MCV1 MCV0 8008h
All registers not shown and bits containing an X are assumed to be reserved. Refer to Table III for examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com