Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DT Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29F800DT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29F800DT Datasheet HTML 9Page - STMicroelectronics M29F800DT Datasheet HTML 10Page - STMicroelectronics M29F800DT Datasheet HTML 11Page - STMicroelectronics M29F800DT Datasheet HTML 12Page - STMicroelectronics M29F800DT Datasheet HTML 13Page - STMicroelectronics M29F800DT Datasheet HTML 14Page - STMicroelectronics M29F800DT Datasheet HTML 15Page - STMicroelectronics M29F800DT Datasheet HTML 16Page - STMicroelectronics M29F800DT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13/39
M29F800DT, M29F800DB
Read mode. The command requires one Bus
Write operation.
The Program/Erase Controller will suspend within
the Erase Suspend Latency Time (refer to Table 6
for value) of the Erase Suspend Command being
issued. Once the Program/Erase Controller has
stopped the memory will be set to Read mode and
the Erase will be suspended. If the Erase Suspend
command is issued during the period when the
memory is waiting for an additional block (before
the Program/Erase Controller starts) then the
Erase is suspended immediately and will start im-
mediately when the Erase Resume Command is
issued. It is not possible to select any further
blocks to erase after the Erase Resume.
During Erase Suspend it is possible to Read and
Program cells in blocks that are not being erased;
both Read and Program operations behave as
normal on these blocks. If any attempt is made to
program in a protected block or in the suspended
block then the Program command is ignored and
the data remains unchanged. The Status Register
is not read and no error condition is given. Read-
ing from blocks that are being erased will output
the Status Register.
It is also possible to issue the Auto Select, Read
CFI Query and Unlock Bypass commands during
an Erase Suspend. The Read/Reset command
must be issued to return the device to Read Array
mode before the Resume command will be ac-
cepted.
Erase Resume Command. The Erase Resume
command must be used to restart the Program/
Erase Controller from Erase Suspend. An erase
can be suspended and resumed more than once.
Read CFI Query Command. The
Read
CFI
Query Command is used to read data from the
Common Flash Interface (CFI) Memory Area. This
command is valid when the device is ready to read
the array data or when the device is in autoselect-
ed mode.
One Bus Write cycle is required to issue the Read
CFI Query Command. Once the command is is-
sued subsequent Bus Read operations read from
the Common Flash Interface Memory Area. The
Read/Reset command must be issued to return
the device to Read Array mode. See Appendix B,
Tables 21, 22, 23, 24, 25 and for details on the in-
formation contained in the Common Flash Inter-
face (CFI) memory area.
Block Protect and Chip Unprotect Commands.
Each block can be separately protected against
accidental Program or Erase. The whole chip can
be unprotected to allow the data inside the blocks
to be changed.
Block Protect and Chip Unprotect operations are
described in Appendix C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com