Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DT Datasheet(PDF) 32 Page - STMicroelectronics

Part # M29F800DT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M29F800DT Datasheet HTML 28Page - STMicroelectronics M29F800DT Datasheet HTML 29Page - STMicroelectronics M29F800DT Datasheet HTML 30Page - STMicroelectronics M29F800DT Datasheet HTML 31Page - STMicroelectronics M29F800DT Datasheet HTML 32Page - STMicroelectronics M29F800DT Datasheet HTML 33Page - STMicroelectronics M29F800DT Datasheet HTML 34Page - STMicroelectronics M29F800DT Datasheet HTML 35Page - STMicroelectronics M29F800DT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
M29F800DT, M29F800DB
32/39
Table 25. Primary Algorithm-Specific Extended Query Table
Table 26. Security Code Area
Address
Data
Description
Value
x16
x8
40h
80h
0050h
Primary Algorithm extended Query table unique ASCII string “PRI”
"P"
41h
82h
0052h
"R"
42h
84h
0049h
"I"
43h
86h
0031h
Major version number, ASCII
"1"
44h
88h
0030h
Minor version number, ASCII
"0"
45h
8Ah
0000h
Address Sensitive Unlock (bits 1 to 0)
00 = required, 01= not required
Silicon Revision Number (bits 7 to 2)
Yes
46h
8Ch
0002h
Erase Suspend
00 = not supported, 01 = Read only, 02 = Read and Write
2
47h
8Eh
0001h
Block Protection
00 = not supported, x = number of sectors in per group
1
48h
90h
0001h
Temporary Block Unprotect
00 = not supported, 01 = supported
Yes
49h
92h
0004h
Block Protect /Unprotect
04 = M29W400B
4
4Ah
94h
0000h
Simultaneous Operations, 00 = not supported
No
4Bh
96h
0000h
Burst Mode, 00 = not supported, 01 = supported
No
4Ch
98h
0000h
Page Mode, 00 = not supported, 01 = 4 page word, 02 = 8 page word
No
Address
Data
Description
x16
x8
61h
C3h, C2h
XXXX
64 bit: unique device number
62h
C5h, C4h
XXXX
63h
C7h, C6h
XXXX
64h
C9h, C8h
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com