Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DT Datasheet(PDF) 20 Page - STMicroelectronics

Part # M29F800DT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M29F800DT Datasheet HTML 16Page - STMicroelectronics M29F800DT Datasheet HTML 17Page - STMicroelectronics M29F800DT Datasheet HTML 18Page - STMicroelectronics M29F800DT Datasheet HTML 19Page - STMicroelectronics M29F800DT Datasheet HTML 20Page - STMicroelectronics M29F800DT Datasheet HTML 21Page - STMicroelectronics M29F800DT Datasheet HTML 22Page - STMicroelectronics M29F800DT Datasheet HTML 23Page - STMicroelectronics M29F800DT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
M29F800DT, M29F800DB
20/39
Table 11. DC Characteristics
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply Current (Read)
E = VIL, G = VIH,
f = 6MHz
20
mA
ICC2
Supply Current (Standby) TTL
E = VIH
2mA
ICC3
Supply Current (Standby) CMOS
E = VCC ±0.2V,
RP = VCC ±0.2V
150
µA
ICC4
(1)
Supply Current (Program/Erase)
Program/Erase
Controller active
20
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2VCC + 0.5
V
VOL
Output Low Voltage
IOL = 5.8mA
0.45
V
VOH
Output High Voltage TTL CMOS
IOH = –2.5mA
2.4
V
VID
Identification Voltage
11.5
12.5
V
IID
Identification Current
A9 = VID
100
µA
VLKO
Program/Erase Lockout Supply
Voltage
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com