Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54L95 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54L95
Description  4-Bit Parallel Access Shift Registers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54L95 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54L95 Datasheet HTML 1Page - National Semiconductor (TI) DM54L95 Datasheet HTML 2Page - National Semiconductor (TI) DM54L95 Datasheet HTML 3Page - National Semiconductor (TI) DM54L95 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics at VCC e 5V and TA 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 4X CL e 50 pF
Units
To (Output)
Min
Max
fMAX
Maximum Clock Frequency
6
MHz
tPLH
Propagation Delay Time
Clock to
90
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Clock to
90
ns
High to Low Level Output
Output
Logic Diagram
TLF6638 – 2
Physical Dimensions inches (millimeters)
14-Lead Ceramic Dual-In-Line Package (J)
Order Number DM54L95J
NS Package Number J14A
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com