Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54L95 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54L95
Description  4-Bit Parallel Access Shift Registers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54L95 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM54L95 Datasheet HTML 1Page - National Semiconductor (TI) DM54L95 Datasheet HTML 2Page - National Semiconductor (TI) DM54L95 Datasheet HTML 3Page - National Semiconductor (TI) DM54L95 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
8V
Input Voltage
55V
Operating Free Air Temperature Range
DM54L
b
55 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54L95
Units
Min
Nom
Max
VCC
Supply Voltage
45
5
55
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
07
V
IOH
High Level Output Current
b
02
mA
IOL
Low Level Output Current
2
mA
fCLK
Clock Frequency (Note 1)
0
6
MHz
tW(CLK)
Pulse Width of Clock (Note 1)
90
ns
tSU
Data Setup Time (Note 1)
50
ns
tEN
Time to Enable
Clock 1
120
ns
Clock (Note 1)
Clock 2
100
ns
tH
Data Hold Time (Note 1)
0
ns
tIN
Time to Inhibit Clock 1 or Clock 2 (Note 1)
0
ns
TA
Free Air Operating Temperature
b
55
125
C
Note 1
TA e 25 C and VCC e 5V
Electrical Characteristics over recommended operating free air temperature (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VOH
High Level Output
VCC e Min IOH e Max
24
31
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
013
03
V
Voltage
VIL e Max VIH e Min
II
Input Current
Max
VCC e Max
Mode
02
mA
Input Voltage
VI e 55V
Others
01
IIH
High Level Input
VCC e Max
Mode
20
m
A
Current
VI e 24V
Others
10
IIL
Low Level Input
VCC e Max
Mode
b
036
mA
Current
VI e 03V
Others
b
018
IOS
Short Circuit
VCC e Max
b
3
b
15
mA
Output Current
(Note 2)
ICC
Supply Current
VCC e Max (Note 3)
48
8
mA
Note 1
All typicals are at VCC e 5V TA 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
ICC is measured with all outputs and serial input open A B C and D inputs grounded mode control at 45V and a momentary 3V then ground applied to
both clock inputs
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com