Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54L95 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54L95
Description  4-Bit Parallel Access Shift Registers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54L95 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54L95 Datasheet HTML 1Page - National Semiconductor (TI) DM54L95 Datasheet HTML 2Page - National Semiconductor (TI) DM54L95 Datasheet HTML 3Page - National Semiconductor (TI) DM54L95 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF6638
June 1989
DM54L95 4-Bit Parallel Access Shift Registers
General Description
These 4-bit registers feature parallel and serial inputs paral-
lel output mode control and two clock inputs The registers
have three modes of operation
Parallel (broadside) load
Shift right (the direction QA toward QD)
Shift left (the direction QD toward QA)
Parallel loading is accomplished by applying the four bits of
data and taking the mode control input high The data is
loaded into the associated flip-flops and appears at the out-
puts after the high-to-low transition of the clock-2 input Dur-
ing loading the entry of serial data is inhibited
Shift right is accomplished on the high-to-low transition of
clock 1 when the mode control is low shift left is accom-
plished on the high-to-low transition of clock 2 when the
mode control is high by connecting the output of each flip-
flop to the parallel input of the previous flip-flop (QD to input
C etc) and serial data is entered at input D The clock input
may be applied simultaneously to clock 1 and clock 2 if both
modes can be clocked from the same source
Changes at the mode control input should normally be
made while both clock inputs are low however conditions
described in the last three lines of the truth table will also
ensure that register contents are protected
Features
Y
Typical maximum clock frequency 14 MHz
Y
Typical power dissipation mW
Connection Diagram
Dual-In-Line Package
TLF6638 – 1
Order Number DM54L95J
or DM54L95W
See NS Package Number
J14A or W14B
Function Table
Inputs
Outputs
Mode
Clocks
Serial
Parallel
QA
QB
QC
QD
Control
2 (L)
1 (R)
A
B
C
D
HH
X
X
X
X
X
X
QAO
QBO
QCO
QDO
H
v
XX
a
b
c
d
a
b
c
d
H
v
XX
QB
QC
QD
dQBn
QCn
QDn
d
LL
H
X
X
X
X
X
QAO
QBO
QCO
QDO
LX
v
HX
X
X
X
H
QAn
QBn
QCn
LX
v
LX
X
X
X
L
QAn
QBn
QCn
u
LL
X
X
X
X
X
QAO
QBn
QCO
QDO
v
LL
X
X
X
X
X
QAO
QBO
QCO
QDO
v
LH
X
X
X
X
X
QAO
QBO
QCO
QDO
u
HL
X
X
X
X
X
QAO
QBO
QCO
QDO
u
HH
X
X
X
X
X
QAO
QBO
QCO
QDO
Shifting left requires external connection of QB to A QC to B QD to C Serial data is entered at input D
H e High Level (Steady State) L e Low Level (Steady State) X e Don’t Care (Any input including transitions)
v e Transition from high to low level u e Transition from low to high level
a b c d e The level of steady state input at inputs A B C or D respectively
QAO QBO QCO QDO e The level of QA QB QC orQD respectively before the indicated steady state input conditions were established
QAn QBn QCn QDn e The level of QA QB QC orQD respectively before the most recent
v transition of the clock
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM54L95

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54L93 NSC-DM54L93 Datasheet
85Kb / 4P
Decade, Divide-by-12, and Binary Counters
DM54L93J NSC-DM54L93J Datasheet
85Kb / 4P
Decade, Divide-by-12, and Binary Counters
DM54L93W NSC-DM54L93W Datasheet
85Kb / 4P
Decade, Divide-by-12, and Binary Counters
More results

Similar Description - DM54L95

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
4-bit parallel-access shift register
1996 Mar 12
logo
Texas Instruments
SN54195 TI-SN54195 Datasheet
429Kb / 10P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN5495A TI-SN5495A Datasheet
281Kb / 8P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS195A HITACHI-HD74LS195A Datasheet
95Kb / 7P
4-bit Parallel-Access Shift Registers
HD74LS95B HITACHI-HD74LS95B Datasheet
89Kb / 7P
4-bit Parallel Access Shift Registers
logo
National Semiconductor ...
5495A NSC-5495A Datasheet
111Kb / 6P
4-Bit Parallel Access Shift Registers
logo
Texas Instruments
SN54178 TI-SN54178 Datasheet
220Kb / 6P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN54HC195 TI1-SN54HC195 Datasheet
232Kb / 10P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN74178N TI-SN74178N Datasheet
218Kb / 6P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN5495A TI1-SN5495A_14 Datasheet
525Kb / 14P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com