Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1112 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS1112
Description  Quad Power Output Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1112 Datasheet(HTML) 2 Page - ON Semiconductor

  CS1112 Datasheet HTML 1Page - ON Semiconductor CS1112 Datasheet HTML 2Page - ON Semiconductor CS1112 Datasheet HTML 3Page - ON Semiconductor CS1112 Datasheet HTML 4Page - ON Semiconductor CS1112 Datasheet HTML 5Page - ON Semiconductor CS1112 Datasheet HTML 6Page - ON Semiconductor CS1112 Datasheet HTML 7Page - ON Semiconductor CS1112 Datasheet HTML 8Page - ON Semiconductor CS1112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS1112
http://onsemi.com
2
APPLICATION DIAGRAM
4
ROSC
Micro Controller
with Bus
CMOS
Serial Shift
Registers and
Latches
DMOS
Low Side
Switches and
Protection
Circuitry
Fault
Reporting
Bias
QPOD
ROSC
SO
SCLK
SI
CSB
IN1 IN2 IN3 IN4 VDD
VPWR
VDD
Status
10 k
Ω
82 k
Ω
GND
4
4
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
DC Supply (VPWR)
–0.3 to 30
V
Output DC Voltage (Out 0, 1, 2, 3)
46
V
VDD Supply Voltage
–0.3 to +7.0
V
Peak Transient (1.0 ms rise time, 300 ms period, 32 V Load Dump @ 14 V VPWR)
46
V
Digital Input Voltage
–0.3 to VDD + 0.3
V
Single Pulse Avalanche Energy (I = 450 mA)(Out 0, 1, 2, 3)
50
mJ
Operating Junction Temperature, TJ
–40 to 150
°C
ESD Capability (Human Body Model)
1.5
kV
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1.)
230 peak
°C
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com