Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1112 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS1112
Description  Quad Power Output Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1112 Datasheet(HTML) 3 Page - ON Semiconductor

  CS1112 Datasheet HTML 1Page - ON Semiconductor CS1112 Datasheet HTML 2Page - ON Semiconductor CS1112 Datasheet HTML 3Page - ON Semiconductor CS1112 Datasheet HTML 4Page - ON Semiconductor CS1112 Datasheet HTML 5Page - ON Semiconductor CS1112 Datasheet HTML 6Page - ON Semiconductor CS1112 Datasheet HTML 7Page - ON Semiconductor CS1112 Datasheet HTML 8Page - ON Semiconductor CS1112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS1112
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (9.0 V < VPWR < 17 V, 4.5 V < VDD < 5.5 V, –40°C < TJ < 125°C,
5.5 V < VPWR < 25 V, (Outputs Functional); unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply Voltages and Currents
VDD Power On Reset Threshold
Outputs Latched Off By Event
2.5
3.0
3.5
V
VDD Power On Reset Hysteresis
–
–
200
–
mV
VPWR Undervoltage
Outputs Latched Off By Event
4.0
4.5
5.0
V
VPWR Overvoltage Lockout
Outputs Latched Off By Event
30
35
45
V
Digital Supply Current, IV(DD)
All Outputs On (@ 350 mA)
–
–
5.0
mA
Analog Supply Current, IV(PWR)
All Outputs On (@ 350 mA)
–
–
5.0
mA
Sleep Current, IV(PWR)
VDD ≤ 0.5 V
–
–
10
µA
Digital Inputs and Outputs
VIN High
SI, SCLK, CSB, IN0, IN1, IN2, IN3
70
–
–
%VDD
VIN Low
SI, SCLK, CSB, IN0, IN1, IN2, IN3
–
–
30
%VDD
VIN Hysteresis
–
–
230
–
mV
Input Pulldown Current
SI, IN0, IN1, IN2, IN3, VIN = 30% VDD
–
–
25
µA
Input Pullup Current
CSB, VIN = 70% VDD
–
–
–25
µA
Status Low
ISTATUS = 0.5 mA
–
0.1
0.5
V
Fault Detection/Timing
Overcurrent Sense Time, tSS
Overcurrent Sense Time, ROSC = 82 kΩ
25
62.5
100
µs
Overcurrent Shutdown Time
Overcurrent Shutdown Time, ROSC = 82 kΩ
1.60
3.94
6.3
ms
Fault Duty Cycle
After the first fault cycle, Note 1.
1.4
1.56
1.7
%
Open Load Trip Point
IN = Low
40
50
60
%VDD
Open Load Sense Time
Open Load Sense Time, ROSC = 82 kΩ
12.5
–
100
µs
Power Outputs
VDRAIN Clamp
ID = 20 mA, tCLAMP = 100 µs
48
52
64
V
Drain Leakage Current
VDRAIN = 17 V
–
–
25
µA
Drain Leakage Current
VDRAIN = 46 V
–
–
400
µA
RDS(ON)
VPWR = 13 V, ID = 0.5 A
–
1.0
2.0
Ω
Current Limit
Note 2.
3.0
4.5
6.0
A
Reverse Diode Drop
Reverse Diode Drop I = 350 mA
–
–
1.4
V
Fall Time Delay, tphl
VPWR = 13 V, RLOAD = 33 Ω,
Note 3. (see Figure 2)
–
–
10
µs
Rise Time Delay, tplh
VPWR = 13 V, RLOAD = 33 Ω,
Note 3. (see Figure 2)
–
–
15
µs
Rise Time, tr
VPWR = 13 V, RLOAD = 33 Ω
0.4
–
10
µs
Fall Time, tf
VPWR = 13 V, RLOAD = 33 Ω
0.4
–
10
µs
1. Guaranteed by design.
2. A duty cycle mode will initiate at a minimum of 1.0 A and before the current limit.
3. Output turn on delay and turn off delay from rising edge of CSB to the output reaching 50% of VPWR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com