Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1112 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS1112
Description  Quad Power Output Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1112 Datasheet(HTML) 4 Page - ON Semiconductor

  CS1112 Datasheet HTML 1Page - ON Semiconductor CS1112 Datasheet HTML 2Page - ON Semiconductor CS1112 Datasheet HTML 3Page - ON Semiconductor CS1112 Datasheet HTML 4Page - ON Semiconductor CS1112 Datasheet HTML 5Page - ON Semiconductor CS1112 Datasheet HTML 6Page - ON Semiconductor CS1112 Datasheet HTML 7Page - ON Semiconductor CS1112 Datasheet HTML 8Page - ON Semiconductor CS1112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS1112
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (9.0 V < VPWR < 17 V, 4.5 V < VDD < 5.5 V, –40°C < TJ < 125°C,
5.5 V < VPWR < 25 V, (Outputs Functional); unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Serial Peripheral Interface
VPWR = 14 V
SCLK Clock Period
CO = 200 pF
250
–
–
ns
MAX Input Capacitance
SI, SCLK, Note 1.
–
–
12
pF
VOUT High
SO, IOH = 1.0 mA
VDD – 1.0
–
–
V
VOUT Low
SO, IOL = 1.0 mA
–
–
0.5
V
SCLK High Time
FSCLK = 4.0 MHz, SCLK = 2.0 V to 2.0 V
(see Figure 1)
125
–
–
ns
SCLK Low Time
FSCLK = 4.0 MHz, SCLK = 0.8 V to 0.8 V
(see Figure 1)
125
–
–
ns
SI Setup Time
SI = 0.8 V/2.0 V to SCLK = 2.0 V at 4.0 MHz;
Note 1. (see Figure 1)
25
–
–
ns
SI Hold Time
SCLK = 2.0 V to SI = 0.8 V/2.0 V at 4.0 MHz;
Note 1. (see Figure 1)
25
–
–
ns
SO Rise Time
CLD = 200 pF (0.1 VDD to 0.9 VDD);
Note 1.
–
25
50
ns
SO Fall Time
CLD = 200 pF (0.9 VDD to 0.1 VDD);
Note 1.
–
–
50
ns
CSB Setup Time
CSB = 0.8 V to SCLK = 2.0 V
(see Figure 1) Note 1.
60
–
–
ns
CSB Hold Time
SCLK = 0.8 V to CSB = 2.0 V
(see Figure 1) Note 1.
75
–
–
ns
SO Delay Time
SCLK = 0.8 V to SO Data Valid, VDD = 5.0 V
CLD = 200 pF at 4.0 MHz
(see Figure 1); Note 1.
–
65
125
ns
Xfer Delay Time
CSB rising edge to next falling edge.
Note 1.
1.0
–
–
µs
1. Guaranteed by design.
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
24 Lead SOIC
PIN SYMBOL
FUNCTION
1
VDD
Input voltage to bias logic and control circuitry.
2
VPWR
Input voltage to bias gate drive circuitry.
3
OUT0
Open drain output one.
4
IN0
Parallel input one.
5, 6, 7, 8
17, 18, 19, 20
GND
Ground Reference.
9
IN1
Parallel input two.
10
OUT1
Open drain output two.
11
SI
SPI serial input.
12
CSB
SPI active low chip select.
13
SCLK
SPI clock input.
14
SO
SPI serial output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com