Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1021 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1021
Description  10-Bit, 12-Bit Binary Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1021 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DAC1021 Datasheet HTML 1Page - National Semiconductor (TI) DAC1021 Datasheet HTML 2Page - National Semiconductor (TI) DAC1021 Datasheet HTML 3Page - National Semiconductor (TI) DAC1021 Datasheet HTML 4Page - National Semiconductor (TI) DAC1021 Datasheet HTML 5Page - National Semiconductor (TI) DAC1021 Datasheet HTML 6Page - National Semiconductor (TI) DAC1021 Datasheet HTML 7Page - National Semiconductor (TI) DAC1021 Datasheet HTML 8Page - National Semiconductor (TI) DAC1021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics (Va e 15V VREF e 10000V TA e 25 C unless otherwise specified) (Continued)
DAC1020 DAC1021
DAC1220 DAC1222
Parameter
Conditions
DAC1022
Units
Min
Typ
Max
Min
Typ
Max
Digital Input
(Figure 1)
Low Threshold
TMINkTAkTMAX
08
08
V
High Threshold
TMINkTAkTMAX
24
24
V
Digital Input Current
TMINsTAsTMAX
Digital Input High
1
100
1
100
m
A
Digital Input Low
b
50
b
200
b
50
b
200
m
A
Supply Current
All Digital Inputs High
02
16
02
16
mA
All Digital Inputs Low
06
2
06
2
mA
Operating Power Supply
(Figures 1 and 2)
5
15
5
15
V
Range
Note 1
VREFeg10V and VREFeg1V A linearity error temperature coefficient of 00002% FS for a 45 C rise only guarantees 0009% maximum change in
linearity error For instance if the linearity error at 25 C is 0045% FS it could increase to 0054% at 70 C and the DAC will be no longer a 10-bit part Note
however that the linearity error is specified over the device full temperature range which is a more stringent specification since
it includes the linearity error
temperature coefficient
Note 2
Using internal feedback resistor as shown in
Figure 3
Note 3
Both IOUT 1 and IOUT 2 must go to ground or the virtual ground of an operational amplifier If VREFe10V every millivolt offset between IOUT 1 or IOUT 2
0005% linearity error will be introduced
Note 4
Human body model 100 pF discharged through a 15 kX resistor
Note 5
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions
Note 6
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX iJA and the ambient temepature TA The maximum
allowable power dissipation at any temperature is PD e (TJMAX b TA) iJA or the number given in the Absolute Maximum Ratings whichever is lower For this
device TJMAX e 125 C and the typical junction-to-ambient thermal resistance of the J18 package when board mounted is 85 CW For the N18 package iJA is
120 CW for the N16 this number is 125 CW and for the V20 this number is 95 CW
Typical Performance Characteristics
TLH5689 – 2
FIGURE 1 Digital Input Threshold vs
Ambient Temperature
FIGURE 2 Gain Error Variation vs V
a
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com