Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1021 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1021
Description  10-Bit, 12-Bit Binary Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1021 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DAC1021 Datasheet HTML 2Page - National Semiconductor (TI) DAC1021 Datasheet HTML 3Page - National Semiconductor (TI) DAC1021 Datasheet HTML 4Page - National Semiconductor (TI) DAC1021 Datasheet HTML 5Page - National Semiconductor (TI) DAC1021 Datasheet HTML 6Page - National Semiconductor (TI) DAC1021 Datasheet HTML 7Page - National Semiconductor (TI) DAC1021 Datasheet HTML 8Page - National Semiconductor (TI) DAC1021 Datasheet HTML 9Page - National Semiconductor (TI) DAC1021 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Applications (Continued)
TLH5689 – 5
VOUT ebVREF
A12aA24a  a A10
1024
b
1
1024
J
where AN ea1ifAN input is high
AN eb1ifAN input is low
COMPLEMENTARY OFFSET BINARY
(BIPOLAR) OPERATION
DIGITAL INPUT
VOUT
0000000000
a
VREF
0000000001 VREF c 10221024
0111111111
VREF c 21024
1000000000
0
1000000001
b
VREF c 21024
1111111111 bVREF (10221024)
Note that
 IOUT 1 a IOUT 2 e
VREF
RLADDER
c
1023
1024
J
 By doubling the output range we get half the
resolution
 The 10M resistor adds a 1 LSB ‘‘thump’’ to
allow full offset binary operation where the out-
put reaches zero for the half-scale code If
symmetrical output excursions are required
omit the 10M resistor
FIGURE 7 Bipolar 4-Quadrant Multiplying Configuration
Operational Amplifiers VOS Adjust (Figure 7 )
a)
Switch all the digital inputs high adjust the VOS potenti-
ometer of op amp B to bring its output to a value equal
tob(VREF 1024) (V)
b)
Switch the MSB high and the remaining digital inputs
low Adjust the VOS potentiometer of op amp A to bring
its output value to withina1mV from ground potential
For VREF k 10V a finer adjust is necessary as already
mentioned in the previous application
Gain Adjust (Full-Scale Adjust)
Assuming that the external 10k resistors are matched to
better than 01% the gain adjust of the circuit is the same
with the one previously discussed
TLH5689 – 6
TRUE OFFSET BINARY OPERATION
DIGITAL INPUT
VOUT
1111111111VREF c 10221024
1000000000
0
0000000000
b
VREF
ts e 18 ms
use LM336 for a voltage reference
FIGURE 8 Bipolar Configuration with a Single Op Amp
 R4 e (2AVb b 1) R
R2
R1
e
AVb
AVb b 1
R3 a R1
llR2 e R AVb e
VOUT(PEAK)
VREF
R e 20k

Example VREF e 2V VOUT (swing) j g10V AVb e 5V
Then R4 e 9R R1 e 08 R2 If R1 e 02R then R2 e 025R
R3 e 064R
FIGURE 9 Bipolar Configuration with
Increased Output Swing
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com