Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1021 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1021
Description  10-Bit, 12-Bit Binary Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1021 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC1021 Datasheet HTML 1Page - National Semiconductor (TI) DAC1021 Datasheet HTML 2Page - National Semiconductor (TI) DAC1021 Datasheet HTML 3Page - National Semiconductor (TI) DAC1021 Datasheet HTML 4Page - National Semiconductor (TI) DAC1021 Datasheet HTML 5Page - National Semiconductor (TI) DAC1021 Datasheet HTML 6Page - National Semiconductor (TI) DAC1021 Datasheet HTML 7Page - National Semiconductor (TI) DAC1021 Datasheet HTML 8Page - National Semiconductor (TI) DAC1021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH5689
May 1996
DAC1020DAC1021DAC1022
10-Bit Binary Multiplying DA Converter
DAC1220DAC1222
12-Bit Binary Multiplying DA Converter
General Description
The DAC1020 and the DAC1220 are respectively 10 and
12-bit binary multiplying digital-to-analog converters A de-
posited thin film R-2R resistor ladder divides the reference
current and provides the circuit with excellent temperature
tracking characteristics (00002% C linearity error temper-
ature coefficient maximum) The circuit uses CMOS current
switches and drive circuitry to achieve low power consump-
tion (30 mW max) and low output leakages (200 nA max)
The digital inputs are compatible with DTLTTL logic levels
as well as full CMOS logic level swings This part combined
with an external amplifier and voltage reference can be
used as a standard DA converter however it is also very
attractive for multiplying applications (such as digitally con-
trolled gain blocks) since its linearity error is essentially in-
dependent of the voltage reference All inputs are protected
from damage due to static discharge by diode clamps to Va
and ground
This part is available with 10-bit (005%) 9-bit (010%) and
8-bit (020%) non-linearity guaranteed over temperature
(note 1 of electrical characteristics)
The DAC1020
DAC1021 and DAC1022 are direct replacements for the 10-
bit resolution AD7520 and AD7530 and equivalent to the
AD7533 family The DAC1220 and DAC1222 are direct re-
placements for the 12-bit resolution AD7521 and AD7531
family
Features
Y
Linearity specified with zero and full-scale adjust only
Y
Non-linearity guaranteed over temperature
Y
Integrated thin film on CMOS structure
Y
10-bit or 12-bit resolution
Y
Low power dissipation 10 mW
15V typ
Y
Accepts variable or fixed reference b25VsVREFs25V
Y
4-quadrant multiplying capability
Y
Interfaces directly with DTL TTL and CMOS
Y
Fast settling time500 ns typ
Y
Low feedthrough error
LSB
100 kHz typ
Equivalent Circuit
Note Switches shown in digital high state
TLH5689 – 1
10-BIT DA CONVERTERS
Ordering Information
Temperature Range
0 Cto70 C
b
40 Cto85 C
Non-
005%
DAC1020LCN
AD7520LNAD7530LN
DAC1020LCV
DAC1020LIV
Linearity
010%
DAC1021LCN
AD7520KNAD7530KN
020%
DAC1022LCN
AD7520JNAD7530JN
Package Outline
N16A
V20A
12-BIT DA CONVERTERS
Temperature Range
0 Cto70 C
b
40 Cto a85 C
Linearity
Non-
005%
DAC1220LCN
AD7521LNAD7531LN
DAC1220LCJ
AD7521LDAD7531LD
020%
DAC1222LCN
AD7521JNAD7531JN
DAC1222LCJ
AD7521JDAD7531JD
Package Outline
N18A
J18A
Note
Devices may be ordered by either part number
C1996 National Semiconductor Corporation
RRD-B30M96Printed in U S A
http
www nationalcom


Similar Part No. - DAC1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1021 TI1-DAC1021 Datasheet
307Kb / 16P
10-Bit Binary Multiplying D/A Converter
More results

Similar Description - DAC1021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
12-Bit Binary Multiplying D/A Converter
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
12-Bit, Multiplying D/A Converter
August 1997
logo
NEC
UPD7002 NEC-UPD7002 Datasheet
139Kb / 4P
12-Bit Binary A/D Converter
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
10-Bit Multiplying D/A Converter
June 2004
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
logo
Texas Instruments
DAC1020 TI1-DAC1020_11 Datasheet
307Kb / 16P
10-Bit Binary Multiplying D/A Converter
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
10-Bit Multiplying D/A Converter
June 2004
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com