Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP213DUFA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP213DUFA
Description  Halogen and Antimony Free. ?쏥reen??Device (Note 3)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP213DUFA Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP213DUFA Datasheet HTML 1Page - Diodes Incorporated DMP213DUFA Datasheet HTML 2Page - Diodes Incorporated DMP213DUFA Datasheet HTML 3Page - Diodes Incorporated DMP213DUFA Datasheet HTML 4Page - Diodes Incorporated DMP213DUFA Datasheet HTML 5Page - Diodes Incorporated DMP213DUFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMP213DUFA
Document number: DS36466 Rev. 1 - 2
1 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMP213DUFA
25V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = +25°C
-25V
10Ω @ VGS = -4.5V
-166mA
13Ω @ VGS = -2.7V
-138mA
Description
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
•
Load Switch
•
Portable Applications
•
Power Management Functions
Features
•
0.4mm Ultra Low Profile Package for Thin Application
•
0.48mm
2 Package Footprint, 16 Times Smaller than SOT23
•
Low VGS(th), Can be Driven Directly From a Battery
•
Low RDS(on)
•
ESD Protected Gate (>6kV Human Body Mode)
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
•
Case: X2-DFN0806-3
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208 e4
•
Weight: 0.00043 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP213DUFA-7B
X2-DFN0806-3
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Equivalent Circuit
Bottom View
Top View
Package Pin Configuration
36 = Product Type Marking Code
DMN213DUFA-7B
Top View
Bar Denotes Gate
and Source Side
X2-DFN0806-3
Body
Diode
Gate
Protection
Diode
Gate
Source
Drain
36
ESD HBM >6kV


Similar Part No. - DMP213DUFA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP213DUFA DIODES-DMP213DUFA_15 Datasheet
276Kb / 6P
25V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - DMP213DUFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
Lead-free (RoHS compliant) and Halogen-free
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
RoHS Compliant and Halogen Free
logo
Infineon Technologies A...
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
Pb-free and halogen-free package
Revision 1.2, 2014-05-14
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
Pb-free and halogen free package
Revision 1.4, 2014-05-14
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3 Datasheet
361Kb / 6P
Halogen and Antimony Free. ?쏥reen??Device (Note 3)
Rev 2
DMN10H100SK3 DIODES-DMN10H100SK3 Datasheet
541Kb / 7P
Halogen and Antimony Free. ?쏥reen??Device (Note 3)
Rev 2
DMN10H170SFDE DIODES-DMN10H170SFDE Datasheet
438Kb / 6P
Halogen and Antimony Free. ?쏥reen??Device (Note 3)
Rev 4
DMP2007UFG DIODES-DMP2007UFG Datasheet
460Kb / 7P
Halogen and Antimony Free. ?쏥reen??Device (Note 3)
Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com