Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP213DUFA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP213DUFA
Description  Halogen and Antimony Free. ?쏥reen??Device (Note 3)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP213DUFA Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP213DUFA Datasheet HTML 1Page - Diodes Incorporated DMP213DUFA Datasheet HTML 2Page - Diodes Incorporated DMP213DUFA Datasheet HTML 3Page - Diodes Incorporated DMP213DUFA Datasheet HTML 4Page - Diodes Incorporated DMP213DUFA Datasheet HTML 5Page - Diodes Incorporated DMP213DUFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP213DUFA
Document number: DS36466 Rev. 1 - 2
2 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMP213DUFA
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-25
V
Gate-Source Voltage
VGSS
-8
Continuous Drain Current
VGS = 4.5V
(Note 6)
ID
-166
mA
TA = +70°C (Note 6)
-125
(Note 5)
ID
-145
mA
Pulsed Drain Current
(Note 7)
IDM
-500
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
360
mW
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
353
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-25
—
—
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
µA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
-100
nA
VGS = -8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.65
-0.9
-1.5
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(on)
—
—
10
Ω
VGS = -4.5V, ID = -0.2A
—
—
13
VGS = -2.7V, ID = -0.05A
Forward Transfer Admittance
|Yfs|
—
189
—
S
VDS = -5V, ID = -0.2A
Diode Forward Voltage
VSD
—
—
-1.5
V
VGS = 0V, IS = -0.2A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
27.2
—
pF
VDS = -10V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
6.1
—
pF
Reverse Transfer Capacitance
Crss
—
1.7
—
pF
Total Gate Charge
Qg
—
0.35
—
nC
VDS = -5V, ID = -0.2A,
VGS = -4.5V
Gate-Source Charge
Qgs
—
0.08
—
nC
Gate-Drain Charge
Qgd
—
0.06
—
nC
Turn-On Delay Time
tD(on)
—
4.5
—
ns
VDS = -6V, VGS = -4.5V,
ID = -0.2A, RG = 50Ω
Turn-On Rise Time
tr
—
2.3
—
ns
Turn-Off Delay Time
tD(off)
—
24.1
—
ns
Turn-Off Fall Time
tf
—
11
—
ns
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout
7 .Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com