Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP213DUFA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP213DUFA
Description  Halogen and Antimony Free. ?쏥reen??Device (Note 3)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP213DUFA Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP213DUFA Datasheet HTML 1Page - Diodes Incorporated DMP213DUFA Datasheet HTML 2Page - Diodes Incorporated DMP213DUFA Datasheet HTML 3Page - Diodes Incorporated DMP213DUFA Datasheet HTML 4Page - Diodes Incorporated DMP213DUFA Datasheet HTML 5Page - Diodes Incorporated DMP213DUFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP213DUFA
Document number: DS36466 Rev. 1 - 2
4 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMP213DUFA
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125 150
-I = 1mA
D
-I = 250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
T= 125 C
A
°
0
0.2
0.4
0.6
0.8
1
0
0.3
0.6
0.9
1.2
1.5
T= 85 C
A
°
T= 150 C
A
°
T= -55 C
A
°
T= 25 C
A
°
V , DRAIN-SOURCE VOLTAGE (V)
Figure 9 Typical Junction Capacitance
DS
1
10
100
0
5
10
15
20
25
f = 1MHz
Coss
Crss
Ciss
Q , TOTAL GATE CHARGE (nC)
Figure 10 Gate-Charge Characteristics
g
0
2
4
6
8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
V= -5V
I = -200mA
DS
D
V , DRAIN-SOURCE VOLTAGE (V)
Figure 11 SOA, Safe Operation Area
DS
T
= 150°C
T = 25°C
J(max)
A
V
= -4.5V
Single Pulse
GS
DUT on 1 * MRP Board
0.01
0.1
1
0.1
1
10
R
Limited
DS(on)
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com