Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF255 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF255
Description  Nanosecond Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF255 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF255 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF255 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
IRF255
DESCRIPTION
·Drain Current ID=20A@ TC=25℃
·Drain Source Voltage
: VDSS= 250V(Min)
·Static Drain-Source On-Resistance
: RDS(on) =0.17Ω(Max)
·Nanosecond Switching Speed
APPLICATIONS
·Switching power supplies
·Switching converters,motor driver,relay driver
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
250
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
20
A
Ptot
Total Dissipation@TC=25℃
150
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.83
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
30
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - IRF255

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF255 NJSEMI-IRF255 Datasheet
182Kb / 2P
Avalanche-Energy-Rated N-Channel Power MOSFETs
More results

Similar Description - IRF255

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
BUZ20 ISC-BUZ20 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
BUZ32 ISC-BUZ32 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
IRF251 ISC-IRF251 Datasheet
48Kb / 2P
Nanosecond Switching Speed
IRF252 ISC-IRF252 Datasheet
48Kb / 2P
Nanosecond Switching Speed
IRF253 ISC-IRF253 Datasheet
48Kb / 2P
Nanosecond Switching Speed
IRF254 ISC-IRF254 Datasheet
48Kb / 2P
Nanosecond Switching Speed
IRF256 ISC-IRF256 Datasheet
48Kb / 2P
Nanosecond Switching Speed
IRF257 ISC-IRF257 Datasheet
48Kb / 2P
Nanosecond Switching Speed
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com