Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL065CIVS/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL065CIVS/NOPB
Description  360mW A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL065CIVS/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  ADC12DL065CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
VA
VA
VA
VA
AGND
AGND
VA
AGND
VFloat
VA
AGND
VA
AGND
ADC12DL065
SNAS249D – MARCH 2005 – REVISED APRIL 2013
www.ti.com
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
15
VINA+
Differential analog input pins. With a 1.0V reference voltage the
2
VINB+
differential full-scale input signal level is 2.0 VP-P with each input pin
voltage centered on a common mode voltage, VCM. The negative
input pins may be connected to VCM for single-ended operation, but
a differential input signal is required for best performance.
16
VINA−
1
VINB−
This pin is the reference select pin and the external reference input.
If (VA - 0.3V) < VREF < VA, the internal 1.0V reference is selected.
If AGND < VREF < (AGND + 0.3V), the internal 0.5V reference is
7
VREF
selected.
If a voltage in the range of 0.8V to 1.2V is applied to this pin, that
voltage is used as the reference. VREF should be bypassed to AGND
with a 0.1 µF capacitor when an external reference is used.
This is a four-state pin.
DF/DCS = VA, output data format is offset binary with duty cycle
stabilization applied to the input clock
DF/DCS = AGND, output data format is 2's complement, with duty
21
DF/DCS
cycle stabilization applied to the input clock.
DF/DCS = VRMA or VRMB , output data is 2's complement without
duty cycle stabilization applied to the input clock
DF/DCS = "float", output data is offset binary without duty cycle
stabilization applied to the input clock.
13
VRPA
5
VRPB
14
VRMA
4
VRMB
These pins are high impedance reference bypass pins. All these pins
should each be bypassed to ground with a 0.1 µF capacitor. A 10 µF
capacitor should be placed between the VRPA and VRNA pins and
between the VRPB and VRNB pins.
VRMA and VRMB may be loaded to 1mA for use as a temperature
12
VRNA
stable 1.5V reference. The remaining pins should not be loaded.
6
VRNB
DIGITAL I/O
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com