Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL065CIVS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL065CIVS/NOPB
Description  360mW A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL065CIVS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  ADC12DL065CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
VDR
DR GND
AGND
VA
VD
DGND
AGND
VA
VD
DGND
AGND
VA
ADC12DL065
www.ti.com
SNAS249D – MARCH 2005 – REVISED APRIL 2013
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Symbol
Equivalent Circuit
Description
Digital clock input. The range of frequencies for this input is as
60
CLK
specified in the electrical tables with ensured performance at 65
MHz. The input is sampled on the rising edge.
OEA and OEB are the output enable pins that, when low, holds their
respective data output pins in the active state. When either of these
pins is high, the corresponding outputs are in a high impedance
state.
22
OEA
41
OEB
PD is the Power Down input pin. When high, this input puts the
59
PD
converter into the power down mode. When this pin is low, the
converter is in the active mode.
When low, "A" & "B" data is present on it's respective data output
lines (Parallel Mode).
When high, both "A" and "B" channel data is present on the
"DA0:DA11" digital outputs (Multiplex Mode). The DB0/ABb pin is
11
MULTIPLEX
used to synchronize the data.
24–29
Digital data output pins that make up the 12-bit conversion results of
DA0–DA11
34–39
their respective converters. DA0 and DB0 are the LSBs, while DA11
and DB11 are the MSBs of the output word. Output levels are
43–47
DB1–DB11
TTL/CMOS compatible. Optimum loading is < 10pF.
52–57
When MULTIPLEX is low, this is DB0.
When MULTIPLEX is high this is the ABb signal, which is used to
42
DB0/ABb
synchronize the multiplexed data. ABb changes synchronously with
the Multiplexed "A" and "B" channels. ABb is "high" when "A"
channel data is valid and is "low" when "B" channel data is valid.
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
9, 18, 19, 62,
VA
quiet +3.3V source and bypassed to AGND with 0.1 µF capacitors
63
located within 1 cm of these power pins, and with a 10 µF capacitor.
3, 8, 10, 17,
AGND
The ground return for the analog supply.
20, 61, 64
DIGITAL POWER
Positive digital supply pin. This pin should be connected to the same
quiet +3.3V source as is VA and be bypassed to DGND with a 0.1 µF
33, 48
VD
capacitor located within 1 cm of the power pin and with a 10 µF
capacitor.
32, 49
DGND
The ground return for the digital supply.
Positive driver supply pin for the ADC12DL065's output drivers. This
pin should be connected to a voltage source of +2.4V to VD and be
bypassed to DR GND with a 0.1 µF capacitor. If the supply for this
30, 51
VDR
pin is different from the supply used for VA and VD, it should also be
bypassed with a 10 µF capacitor. VDR should never exceed the
voltage on VD. All 0.1 µF bypass capacitors should be located within
1 cm of the supply pin.
The ground return for the digital supply for the ADC12DL065's output
drivers. These pins should be connected to the system digital
23, 31, 40,
DR GND
ground, but not be connected in close proximity to the
50, 58
ADC12DL065's DGND or AGND pins. See LAYOUT AND
GROUNDING for more details.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC12DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com