Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL065CIVS/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL065CIVS/NOPB
Description  360mW A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL065CIVS/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC12DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC12DL065
SNAS249D – MARCH 2005 – REVISED APRIL 2013
www.ti.com
AC Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 65 MHz, fIN = 10 MHz, tr = tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On,
parallel output mode. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3) (4)
Units
Parameter
Test Conditions
Typical(5)
Limits(5)
(Limits)
fCLK1
Maximum Clock Frequency
65
MHz (min)
fCLK2
Minimum Clock Frequency
15
MHz
tCH
Clock High Time
Duty Cycle Stabilizer On
7.7
3
ns (min)
tCL
Clock Low Time
Duty Cycle Stabilizer On
7.7
3
ns (min)
tr, tf
Clock Rise and Fall Times
Duty Cycle Stabilizer On
2
4
ns (max)
tCH
Clock High Time
Duty Cycle Stabilizer Off
7.7
6.2
ns (min)
tCL
Clock Low Time
Duty Cycle Stabilizer Off
7.7
6.2
ns (min)
tr, tf
Clock Rise and Fall Times
Duty Cycle Stabilizer Off
2
ns (max)
tCONV
Conversion Latency
Parallel mode
7
Clock Cycles
3.5
ns (min)
Data Output Delay after Rising Clock
tOD
Parallel mode
6.0
Edge
9
ns (max)
tCONV
Conversion Latency
Multiplex mode, Channel A
7.5
Clock Cycles
tCONV
Conversion Latency
Multiplex mode, Channel B
8
Clock Cycles
3.5
ns (min)
tOD
Data Output Delay after Clock Edge
Multiplex mode
6.0
8
ns (max)
tSKEW
ABb to Data Skew
±0.5
ns (max)
tAD
Aperture Delay
2
ns
tAJ
Aperture Jitter
1.2
ps rms
tDIS
Data outputs into Hi-Z Mode
10
ns
tEN
Data Outputs Active after Hi-Z Mode
10
ns
1.0 µF on pins 4, 14; 0.1 µF on pins
tPD
Power Down Mode Exit Cycle
5,6,12,13; 10 µF between pins 5, 6 and
1
µs
between pins 12, 13
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 of the Absolute Maximum Ratings Table. However, errors in the A/D conversion can occur if the input goes
above VA or below GND by more than 100 mV. As an example, if VA is +3.3V, the full-scale input voltage must be ≤+3.4V to ensure
accurate conversions. See Figure 2.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 12-bit LSB is 488 µV.
(4)
Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge.
(5)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are ensured to TI's AOQL (Average Outgoing
Quality Level).
Figure 2.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com