Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP5380 Datasheet HTML 1Page - National Semiconductor (TI) DP5380 Datasheet HTML 2Page - National Semiconductor (TI) DP5380 Datasheet HTML 3Page - National Semiconductor (TI) DP5380 Datasheet HTML 4Page - National Semiconductor (TI) DP5380 Datasheet HTML 5Page - National Semiconductor (TI) DP5380 Datasheet HTML 6Page - National Semiconductor (TI) DP5380 Datasheet HTML 7Page - National Semiconductor (TI) DP5380 Datasheet HTML 8Page - National Semiconductor (TI) DP5380 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
20 Pin Descriptions (Continued)
Symbol
DIP
PCC
Type
Function
REQ
20
22
IO
Request
driven by the TARGET and received by the INITIATOR as part of the REQ
ACK handshake
IO
17
19
IO
InputOutput
driven by the TARGET to control the direction of transfers on the
SCSI bus This signal also distinguishes between selection and reselection
CD
18
20
IO
CommandData
driven by the TARGET to indicate whether command or data bytes
are being transferred
MSG
19
21
IO
Message
driven by the TARGET during message phase to identify message bytes
on the bus
VCC
31
35
VCC GND a
5V DC is required Because of very large switching currents good
decoupling and power distribution is mandatory
GND
11
12 13
21 Connection Diagrams
TLF9756 – 4
Order Number DP5380N
See NS Package Number N40A
TLF9756 – 5
Order Number DP5380V
See NS Package Number V44A
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com