Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP5380 Datasheet HTML 19Page - National Semiconductor (TI) DP5380 Datasheet HTML 20Page - National Semiconductor (TI) DP5380 Datasheet HTML 21Page - National Semiconductor (TI) DP5380 Datasheet HTML 22Page - National Semiconductor (TI) DP5380 Datasheet HTML 23Page - National Semiconductor (TI) DP5380 Datasheet HTML 24Page - National Semiconductor (TI) DP5380 Datasheet HTML 25Page - National Semiconductor (TI) DP5380 Datasheet HTML 26Page - National Semiconductor (TI) DP5380 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
100 AC Electrical Characteristics (Continued)
108 DMA READ (NON-BLOCK MODE) INITIATOR RECEIVE
TLF9756 – 19
Symbol
Parameter
DP5380
Units
Min
Typ
Max
ddv
DMA Data Valid from Read Enable (Note 1)
90
ns
dfaf
DACK False to ACK False (REQ False Non-block In rx)
120
ns
dfdt
DACK False to DRQ True
30
90
ns
dhr
Data Hold from End of Read Enable (Notes 1 2)
10
60
ns
dhra
SCSI Data Hold from REQ or ACK True (Receive)
30
ns
dkhr
DACK Hold from End of RD
0
ns
dsra
SCSI Data Setup Time to REQ or ACK True (Receive)
20
ns
dtdf
DACK True to DRQ False
100
ns
eop
Width of EOP Pulse (Note 3)
40
ns
rfaf
REQ False to ACK False (DACK False)
100
ns
rtat
REQ True to ACK True (Initiator Receive)
100
ns
rtdt
REQ True to DRQ True
120
ns
Note 1
Read enable (DMA) is DACK and RD active
Note 2
This includes the RC delay inherent in the tests’ method These signals typically turn off after 25 ns enabling other devices to drive these lines with no
contention
Note 3
EOP DACK RDWR must all be true for recognition of EOP
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com