Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP5380 Datasheet HTML 1Page - National Semiconductor (TI) DP5380 Datasheet HTML 2Page - National Semiconductor (TI) DP5380 Datasheet HTML 3Page - National Semiconductor (TI) DP5380 Datasheet HTML 4Page - National Semiconductor (TI) DP5380 Datasheet HTML 5Page - National Semiconductor (TI) DP5380 Datasheet HTML 6Page - National Semiconductor (TI) DP5380 Datasheet HTML 7Page - National Semiconductor (TI) DP5380 Datasheet HTML 8Page - National Semiconductor (TI) DP5380 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
10 Functional Description
11 OVERVIEW
The ASI is designed to be used as a peripheral device in a
m
P-based application and appears as a number of read
write registers Write registers are programmed to select de-
sired functions Status registers provide indication of operat-
ing conditions
For best performance a DMA controller can be easily inter-
faced directly to the ASI The ASI provides requestac-
knowledge and wait-state signals for the DMA interface
The SCSI bus is easily controlled via the ASI registers Any
bus signal may be asserted or deasserted via a bit in the
appropriate register and the state of every signal is avail-
able by reading registers This direct control over SCSI sig-
nals allows the user to implement all or part of the protocol
in firmware The ASI provides hardware support for much of
the protocol
The ASI provides the following SCSI support
 Programmed-IO transfers for all eight information trans-
fer types with or without parity
 Data transfers via DMA in either block or non-block
mode The DMA interface supports most devices
 Individual settingresetting and monitoring of every SCSI
bus signal
 Automatic release of the bus for BSY loss from a TAR-
GET SCSI RST and lost arbitration
 Automatic bus arbitrationthe mP has only to check for
highest priority
 Selection or Reselection of any bus device The ASI will
respond to both Selection and Reselection
 Optional automatic monitoring of the BSY signal from a
TARGET with an interrupt after releasing control of the
bus
Figure 1 shows an ASI in a typical application a low cost
embedded SCSI disk controller In this application the 8051
single-chip mP acts as the controller and the dual DMA
channels in the DP8475 allow one for the disk data and the
other for SCSI data The PAL
provides chip selection as
well as determining who has control of the bus The advan-
tage of using a mP with on-board ROM is that there is more
free time on the external bus
TLF9756 – 2
FIGURE 1 ASI Application
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com