Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380V Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380V
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380V Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP5380V Datasheet HTML 21Page - National Semiconductor (TI) DP5380V Datasheet HTML 22Page - National Semiconductor (TI) DP5380V Datasheet HTML 23Page - National Semiconductor (TI) DP5380V Datasheet HTML 24Page - National Semiconductor (TI) DP5380V Datasheet HTML 25Page - National Semiconductor (TI) DP5380V Datasheet HTML 26Page - National Semiconductor (TI) DP5380V Datasheet HTML 27Page - National Semiconductor (TI) DP5380V Datasheet HTML 28Page - National Semiconductor (TI) DP5380V Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
100 AC Electrical Characteristics (Continued)
1010 DMA WRITE (BLOCK MODE) INITIATOR SEND
TLF9756 – 21
Symbol
Parameter
DP5380
Units
Min
Typ
Max
dhi
SCSI Data Hold from Write EnableInitiator
15
ns
dhwr
DMA Data Hold Time from End of WR
30
ns
dswd
Data Setup to End of DMA Write Enable
50
ns
dtdf
DACK True to DRQ False
100
ns
eop
Width of EOP Pulse (Note 2)
40
ns
rfyt
REQ False to READY True
80
ns
rtat
REQ True to ACK True
100
ns
rtwf
READY True to WR False
60
ns
wfaf
WR False to ACK False (REQ False)
120
ns
wfrf
WR False to READY False
100
ns
wwb
DMA Write Enable Width (Note 1)
60
ns
Note 1
Write enable (DMA) is DACK and WR active
Note 2
EOP DACK RDWR must all be true for recognition of EOP
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com