Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380V Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380V
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380V Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP5380V Datasheet HTML 13Page - National Semiconductor (TI) DP5380V Datasheet HTML 14Page - National Semiconductor (TI) DP5380V Datasheet HTML 15Page - National Semiconductor (TI) DP5380V Datasheet HTML 16Page - National Semiconductor (TI) DP5380V Datasheet HTML 17Page - National Semiconductor (TI) DP5380V Datasheet HTML 18Page - National Semiconductor (TI) DP5380V Datasheet HTML 19Page - National Semiconductor (TI) DP5380V Datasheet HTML 20Page - National Semiconductor (TI) DP5380V Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
80 Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage (VIN)
b
05V to VCC a 05V
DC Output Voltage (VOUT)
b
05V to VCC a 05V
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)
500 mW
Lead Temperature (TL) (Soldering 10 sec)
260 C
Electro-Static Discharge Rating
2 kV
Absolute maximum ratings are those values beyond which damage to the
device may occur
90 DC Electrical Characteristics (VCC e 50V g 10% unless otherwise specified) TA e 0 Cto a70 C
Symbol
Parameter
Conditions
Typ
Limit
Units
VIH
Minimum High Level
20
V
Input Voltage
VIL
Maximum Low Level
08
V
Input Voltage
VOH1
Minimum High Level
lIOUT e 20 mAVCC b 01
V
VOH2
Output Voltage
lIOUTl e 40 mA
24
V
VOL1
Maximum Low Level
SCSI Bus Pins
lIOLl e 48 mA
05
V
VOL2
Output Voltage
Other Pins
lIOLl e 20 mA
01
V
VOL3
lIOLl e 80 mA
04
V
IIN
Maximum Input Current
VIN e VCC or GND
g
1
m
A
IOZ
Maximum TRI-STATE Output
VOUT e VCC or GND
g
10
m
A
Leakage Current
ICC
Supply Current
VIN e VCC or GND
25
4
mA
SCSI Inputs e 3V
Capacitance TA e 25 C f e 1 MHz
Symbol
Parameter (Note 3)
Typ
Units
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
7
pF
AC Test Conditions
Input Pulse Level
GND to 30V
Input Rise and Fall Times
6 ns
InputOutput Reference Levels
13V
TRI-STATE Reference Levels
Active Low a 05V
(Note 2)
Active High b 05V
Note 1
CL e 50 pF including jig and scope capacitance
Note 2
S1 e Open for push-pull outputs
S1 e VCC for active low to TRI-STATE
S1 e GND for active high to TRI-STATE
Note 3
This parameter is not 100% tested
TLF9756 – 11
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com