Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380V Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380V
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380V Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP5380V Datasheet HTML 9Page - National Semiconductor (TI) DP5380V Datasheet HTML 10Page - National Semiconductor (TI) DP5380V Datasheet HTML 11Page - National Semiconductor (TI) DP5380V Datasheet HTML 12Page - National Semiconductor (TI) DP5380V Datasheet HTML 13Page - National Semiconductor (TI) DP5380V Datasheet HTML 14Page - National Semiconductor (TI) DP5380V Datasheet HTML 15Page - National Semiconductor (TI) DP5380V Datasheet HTML 16Page - National Semiconductor (TI) DP5380V Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
40 Device Operation (Continued)
Resetting the bit disables all DMA logic and thus should
only be reset at the True End of DMA condition Additionally
all DMA logic is reset so this bit must be reset then set again
to carry out the next DMA phase
50 Interrupts
51 OVERVIEW
Before individually describing each interrupt an explanation
of the use of interrupts is required
52 USING INTERRUPTS
Interrupts are controlled by bits in MR2 if control is provided
Not all interrupts can be disabled under software control
When an interrupt occurs both the BSR and CSD register
must be read and analysed to determine the source of inter-
rupt Since status is NOT provided for each interrupt great
care should be exercised when determining the interrupt
source
53 SCSI PARITY ERROR
If SCSI parity checking is enabled via MR2 bit 5 an interrupt
can occur as a result of a read from CSD a selection
(re)selection or a DMA receive operation The parity error
bit (bit 5) in the BSR will be set if checking is enabled An
interrupt will occur if Enable Parity Interrupt (bit 4) of MR2 is
set The interrupt is reset by reading HA7 Following an in-
terrupt the BSR and CSD should contain the values shown
below
Bit 7
Bit 0
xx
1
1
xxxx
EDMA DRQ SPER
INT
PHSM BSY
ATN
ACK
BSR
Bit 7
Bit 0
0
1
xxxx
0
x
RST
BSY
REQ
MSG
CD
IO
SEL
DBP
CSD
54 END OF DMA
If EOP is asserted during a DMA transfer bit 7 of the BSR
will be set and an interrupt generated if bit 3 of MR2 is 1
EOP is recognized when EOP DACK and either IOR or IOW
are all simultaneously active for a minimum period The in-
terrupt may be reset by reading HA 7 Following an interrupt
the BSR and CSD should contain the values shown below
Bit 7
Bit 0
1x
x1x
x
0x
EDMA DRQ SPER
INT
PHSM BSY
ATN
ACK
BSR
Bit 7
Bit 0
0
1
xxxx
0
x
RST
BSY
REQ
MSG
CD
IO
SEL
DBP
CSD
55 DMA PHASE MISMATCH
When the SCSI REQ goes active during a DMA operation
the contents of the TCR are compared with the SCSI phase
lines CD MSG and IO If the two do not match an inter-
rupt is generated This interrupt will occur as long as the
MR2 DMA bit is set (bit 1) ie it cannot be masked The
mismatch removes the ASI from driving the SCSI data bus
The interrupt may reset by reading HA 7 Following an inter-
rupt the BSR and CSD should contain the values shown
below
Bit 7
Bit 0
x
0
x
1
0
xxx
EDMA DRQ SPER
INT
PHSM BSY
ATN
ACK
BSR
Bit 7
Bit 0
0
xxxxx
0
x
RST
BSY
REQ
MSG
CD
IO
SEL
DBP
CSD
56 BUSY LOSS
If bit 2 MR2 is set the SCSI BSY signal is monitored and an
interrupt is generated if BSY is continuously inactive for at
least a BUS SETTLE DELAY (400 ns) This interrupt may be
reset by reading HA 7 Following an interrupt the BSR and
CSD should contain the values shown below where usually
CSD e 00
Bit 7
Bit 0
xxx
1
x
1
0
x
EDMA DRQ SPER
INT
PHSM BSY
ATN
ACK
BSR
Bit 7
Bit 0
0
0
xxxxxx
RST
BSY
REQ
MSG
CD
IO
SEL
DBP
CSD
57 (RE)SELECTION
An interrupt will be generated when SEL is active BSY is
inactive and the device ID is true The device ID is deter-
mined by the value in the SER If ANY non-zero bit in the
SER has its corresponding SCSI data bit active during se-
lection the device ID is true If IO is active this is a reselec-
tion The interrupt is disabled by writing all zeros to the SER
and reset by reading HA 7
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com