Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM2.4 Datasheet(PDF) 3 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ZMM2.4
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM2.4 Datasheet(HTML) 3 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM2.4 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZMM1...ZMM200 SILICON PLANAR ZENER DIODES
0
0
0
0
12
10
34
5
20
67
30
8
9
10 V
40 V
10
10
20
20
30
40
mA
50
mA
30
ZMM...
ZMM...
IZ
IZ
VZ
VZ
ZMM1
T =25 C
J
Test current IZ
ZMM2,7
ZMM3,3
ZMM3,9
ZMM4,7
ZMM5,6
ZMM6,8
ZMM8,2
5mA
Test current IZ
5mA
T =25 C
J
ZMM10
ZMM12
ZMM15
ZMM18
ZMM22
ZMM27
ZMM33
ZMM36
BREAKDOWN CHARACTERISTICS AT T = CONSTANT (PULSED)
J
BREAKDOWN CHARACTERISTICS AT T = CONSTANT (PULSED)
J
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
83
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com