Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM2.4 Datasheet(PDF) 5 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ZMM2.4
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM2.4 Datasheet(HTML) 5 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM2.4 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZMM1...ZMM200 SILICON PLANAR ZENER DIODES
K/W
10
1
1
0.1
0.1
1
1
10
10
100 mA
100 mA
10
10
1
100
100
1000
10
10
1
10
100 V
100
1000
10
10
10
10
10
10
1
10 S
2
-5
-4
-3
-2
-1
3
0.5
4.7
5.1
5.6
ZMM
2.7
3.6
ZMM...
ZMM...
ZMM
ZMM...
ZMM...
W
W
pF
IZ
Ctot
rzj
rzj
tp
Vz at Iz=5mA
Iz
Iz
Capacitance versus Zener
voltage
Pulse thermal resistance versus
pulse duration
Dynamic resistance versus
Zener current
Dynamic resistance versus
Zener current
0.2
0.1
v=0
0.05
0.02
0.01
tp
T
PI
tp
T
V=
V =1V
R
V =1V
R
V =2V
R
V =2V
R
T =25 C
J
T =25 C
J
T =25 C
J
33
22
18
15
12
10
6.8/8.2
6.2
27
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
85
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com