Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM2.4 Datasheet(PDF) 7 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ZMM2.4
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM2.4 Datasheet(HTML) 7 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM2.4 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.4 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZMM1...ZMM200 SILICON PLANAR ZENER DIODES
20
40
60
80
100
0
020406080
100
-1
-0.2
0
-0.1
0
0
20
20
40
40
60
60
80
80
100
100
-0.4
1
10
100 V
-0.2
0
0.2
0.4
0.6
0.8
1
1.6
1.2
1.4
120
120
140 C
140 C
1
0
2
0.1
3
0.2
4
0.3
5
0.4
6
0.5
7
0.6
8
0.7
9
0.8
ZMM...
V
V
ZMM...
mV/K
ZMM...
ZMM...
V
Vz at Iz=5mA
Change of Zener voltage from turn on
up to the point of thermal equilibrium
versus Zener voltage
-
Temperature dependence of
Zener voltage versus voltage
Change of Zener voltage
versus junction temperature
VZ
VZ
VZ
TJ
TJ
VZ
TJ
Iz=5mA
Iz=5mA
at Iz=5mA
Vz =35V
V bei I =5mA
ZZ
51V
36V
25
15
10
8
7
6.2
5.9
5.6
5.1
4.7
3.6
1
x)
x)
43V
V=r
I
I =5mA
Z
zth Z
Z
Vz at Iz=5mA
Change of Zener voltage
versus junction temperature
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
87
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com