Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1100-RTY1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100-RTY1
Description  Low-Power Sub- 1 GHz RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1100-RTY1 Datasheet(HTML) 2 Page - Texas Instruments

  CC1100-RTY1 Datasheet HTML 1Page - Texas Instruments CC1100-RTY1 Datasheet HTML 2Page - Texas Instruments CC1100-RTY1 Datasheet HTML 3Page - Texas Instruments CC1100-RTY1 Datasheet HTML 4Page - Texas Instruments CC1100-RTY1 Datasheet HTML 5Page - Texas Instruments CC1100-RTY1 Datasheet HTML 6Page - Texas Instruments CC1100-RTY1 Datasheet HTML 7Page - Texas Instruments CC1100-RTY1 Datasheet HTML 8Page - Texas Instruments CC1100-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
CC1100
SWRS038D
Page 2 of 92
Key Features
RF Performance
•
High sensitivity (–111 dBm at 1.2 kBaud,
868 MHz, 1% packet error rate)
•
Low current consumption (14.4 mA in RX,
1.2 kBaud, 868 MHz)
•
Programmable output power up to +10
dBm for all supported frequencies
•
Excellent receiver selectivity and blocking
performance
•
Programmable data rate from 1.2 to 500
kBaud
•
Frequency bands: 300-348 MHz, 400-464
MHz and 800-928 MHz
Analog Features
•
2-FSK, GFSK, and MSK supported as
well as OOK and flexible ASK shaping
•
Suitable for frequency hopping systems
due
to
a
fast
settling
frequency
synthesizer: 90us settling time
•
Automatic
Frequency
Compensation
(AFC) can be used to align the frequency
synthesizer
to
the
received
centre
frequency
•
Integrated analog temperature sensor
Digital Features
•
Flexible support for packet oriented
systems: On-chip support for sync word
detection, address check, flexible packet
length, and automatic CRC handling
•
Efficient SPI interface: All registers can be
programmed with one “burst” transfer
•
Digital RSSI output
•
Programmable channel filter bandwidth
•
Programmable
Carrier
Sense
(CS)
indicator
•
Programmable Preamble Quality Indicator
(PQI) for improved protection against
false sync word detection in random noise
•
Support for automatic Clear Channel
Assessment (CCA) before transmitting
(for listen-before-talk systems)
•
Support for per-package Link Quality
Indication (LQI)
•
Optional automatic whitening and de-
whitening of data
Low-Power Features
•
400nA SLEEP mode current consumption
•
Fast startup time: 240us from sleep to RX
or TX mode (measured on EM reference
design [5] and [6])
•
Wake-on-radio functionality for automatic
low-power RX polling
•
Separate 64-byte RX and TX data FIFOs
(enables burst mode data transmission)
General
•
Few external components: Completely on-
chip frequency synthesizer, no external
filters or RF switch needed
•
Green package: RoHS compliant and no
antimony or bromine
•
Small size (QLP 4x4 mm package, 20
pins)
•
Suited for systems targeting compliance
with EN 300 220 (Europe) and FCC CFR
Part 15 (US).
•
Support
for
asynchronous
and
synchronous serial receive/transmit mode
for backwards compatibility with existing
radio communication protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com